Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4208 Datasheet (PDF) - Infinite Electronics International, Inc.

SM4208 Datasheet PDF - Infinite Electronics International, Inc.
Part # SM4208
Download  SM4208 Download
File Size   549.08 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Precision SMA Female to N Female 4 Hole Flange Adapter

SM4208 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4208 Datasheet PDF - Infinite Electronics International, Inc.

Part # SM4208
Download  SM4208 Click to download

File Size   549.08 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Precision SMA Female to N Female 4 Hole Flange Adapter

SM4208 Datasheet (HTML) - Infinite Electronics International, Inc.


SM4208 Product details

Features
• VSWR of 1.15:1 max
• up to 18 GHz
• SMA interface meets
• MIL-STD-348
• Type N interface meets
• MIL-STD-348
• Contact plating according
• to MIL-G-45204
• Gold Plated Contact
• Applications:
• Enables Between Series
• Connections
• General Purpose Test
• Rack Mounted Equipment
• Precision Test & Measurement
• SM4208
• DATA SHEET




Similar Part No. - SM4208

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SM4208 SSOUSA-SM4208 Datasheet
212Kb / 7P
Built in active discharge circuit for fast turn-off
logo
Solid State Inc
SM4208 SOLIDSTATE-SM4208 Datasheet
224Kb / 7P
Miniature 4 pin SOP package
Rev 2.00
More results


Similar Description - SM4208

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9104 PASTERNACK-PE9104 Datasheet
256Kb / 3P
SMA Female to N Female 4 Hole Flange Adapter
PE9312 PASTERNACK-PE9312 Datasheet
257Kb / 3P
SMA Female to SMA Female 4 Hole Flange Adapter
PE9327 PASTERNACK-PE9327 Datasheet
253Kb / 2P
Precision 4 Hole Flange SMA Female to 7mm Sexless Adapter
PE9434 PASTERNACK-PE9434 Datasheet
249Kb / 2P
Precision SMA Female to N Female 4 Hole Flange Adapter
PE9450 PASTERNACK-PE9450 Datasheet
244Kb / 2P
Precision 4 Hole Flange N Female to TNC Female Adapter
PE9497 PASTERNACK-PE9497 Datasheet
260Kb / 3P
Precision SMA Male to N Female 4 Hole Flange Adapter
PE9498 PASTERNACK-PE9498 Datasheet
248Kb / 2P
Precision 4 Hole Flange SMA Female to N Male Adapter
PE9450 PASTERNACK-PE9450 Datasheet
244Kb / 2P
Precision 4 Hole Flange N Female to TNC Female Adapter
PE9429 PASTERNACK-PE9429 Datasheet
386Kb / 4P
Precision N Female to N Female 4 Hole Flange Adapter
PE9670 PASTERNACK-PE9670 Datasheet
375Kb / 4P
SMA Female to SMA Female 4 Hole Flange Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com