Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19N601 Datasheet (PDF) - ITWSwitches

19N601 Datasheet PDF - ITWSwitches
Part # 19N601
Download  19N601 Download
File Size   2373.4 Kbytes
Page   4 Pages
Manufacturer  ITWSWITCHES [ITWSwitches]
Direct Link  https://www.itwswitches.com/
Logo ITWSWITCHES - ITWSwitches
Description SERIES 19N - MICROSWITCH

19N601 Datasheet (PDF)

Go To PDF Page Download Datasheet
19N601 Datasheet PDF - ITWSwitches

Part # 19N601
Download  19N601 Click to download

File Size   2373.4 Kbytes
Page   4 Pages
Manufacturer  ITWSWITCHES [ITWSwitches]
Direct Link  https://www.itwswitches.com/
Logo ITWSWITCHES - ITWSwitches
Description SERIES 19N - MICROSWITCH

19N601 Datasheet (HTML) - ITWSwitches


19N601 Product details

APPLICATIONS:
• Telephone handsets
• Automotive controls
• Joysticks
• Security/anti-tamper uses
• Small motor limit switches
• Business machines
• Thermostat and sensor controls

KEY FEATURES:
• Insert moulded terminals
• Fully sealed option – to IP67
• Wide temperature range
• Choice of actuators as standard
• Approved product – BEAB
• Non flammable switch – UL94-VO rated




Similar Part No. - 19N601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
19N602 ETC2-19N602 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
19N603 ETC2-19N603 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
logo
STMicroelectronics
19N60M6 STMICROELECTRONICS-19N60M6 Datasheet
575Kb / 14P
N-channel 600 V, 255 m typ., 11 A MDmesh M6 Power MOSFET in a PowerFLAT 8x8 HV package
13-Dec-2019
More results


Similar Description - 19N601

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1478603-1 MACOM-1478603-1 Datasheet
142Kb / 2P
Miniature Microswitch Introduction
logo
Omron Electronics LLC
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
As Easy To Install as a Microswitch
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
As Easy To Install as a Microswitch
logo
List of Unclassifed Man...
M141T02-AC0303D ETC2-M141T02-AC0303D Datasheet
255Kb / 2P
Microswitch SPDT, Lever
M141T02-AC0300D ETC2-M141T02-AC0300D Datasheet
260Kb / 2P
Microswitch SPDT, Button
logo
SparkFun Electronics
COM-12745 SPARKFUN-COM-12745 Datasheet
104Kb / 1P
Mini Microswitch Mount ??A (pair)
8????7
COM-12746 SPARKFUN-COM-12746 Datasheet
79Kb / 1P
Mini Microswitch Mount - B (pair)
8????7
COM-12747 SPARKFUN-COM-12747 Datasheet
79Kb / 1P
Mini Microswitch Mount - C (pair)
8????7
logo
Littelfuse
MS3H1000C LITTELFUSE-MS3H1000C Datasheet
613Kb / 3P
MS SERIES HIGH-SPEED FUSE MICROSWITCH
Rev: 2-B-092821
logo
List of Unclassifed Man...
ASM-1209 ETC-ASM-1209 Datasheet
129Kb / 1P
Mounting Guide for ASM-1209 Microswitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com