Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2W06MG Datasheet (PDF) - Multicomp Pro

2W06MG Datasheet PDF - Multicomp Pro
Part # 2W06MG
Download  2W06MG Download
File Size   346.64 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bridge Rectifier Diode

2W06MG Datasheet (PDF)

Go To PDF Page Download Datasheet
2W06MG Datasheet PDF - Multicomp Pro

Part # 2W06MG
Download  2W06MG Click to download

File Size   346.64 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bridge Rectifier Diode

2W06MG Datasheet (HTML) - Multicomp Pro


2W06MG Product details

Features
•Glass passivated
•Surge overload rating -60 amperes peak
•Ideal for printed circuit board
•Reliable low cost construction utilizing moulded plastic technique results in expensive product
•Mounting position: Any
•Lead: Sliver plated copper lead

Description
Bridge Rectifier Diode, Single Phase, 600V, 2A




Similar Part No. - 2W06MG

ManufacturerPart #DatasheetDescription
logo
Surge Components
2W06M SURGE-2W06M Datasheet
123Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS????
logo
Taiwan Semiconductor Co...
2W06M TSC-2W06M Datasheet
75Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
2W06M TSC-2W06M Datasheet
262Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
TAITRON Components Inco...
2W06M TAITRON-2W06M Datasheet
190Kb / 4P
2.0A Bridge Rectifiers
logo
GOOD-ARK Electronics
2W06M GOOD-ARK-2W06M Datasheet
172Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
More results


Similar Description - 2W06MG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD73 CENTRAL-CPD73 Datasheet
222Kb / 2P
Bridge Rectifier Monolithic Quad Diode Bridge Chip
CPD73 CENTRAL-CPD73_10 Datasheet
399Kb / 2P
Bridge Rectifier Monolithic Quad Diode Bridge Chip
logo
International Rectifier
IRAM136-0461G IRF-IRAM136-0461G_15 Datasheet
372Kb / 20P
Internal Rectifier Diode Bridge
logo
Bourns Electronic Solut...
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
Surface Mount Bridge Rectifier Diode
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
Surface Mount Schottky Bridge Rectifier Diode
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
Surface Mount Bridge Rectifier Diode
logo
First Silicon Co., Ltd
MBUS1BS FS-MBUS1BS Datasheet
144Kb / 3P
Fast Recovery Diode Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com