Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T512Y Datasheet (PDF) - STMicroelectronics

M48T512Y Datasheet PDF - STMicroelectronics
Part # M48T512Y
Download  M48T512Y Download
File Size   301.81 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM

M48T512Y Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T512Y Datasheet PDF - STMicroelectronics

Part # M48T512Y
Download  M48T512Y Click to download

File Size   301.81 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM

M48T512Y Datasheet (HTML) - STMicroelectronics


M48T512Y Product details

SUMMARY DESCRIPTION
The M48T512Y/V TIMEKEEPER® RAM is a 512Kb x 8 non-volatile static RAM and real time clock organized as 524,288 words by 8 bits. The special DIP package provides a fully integrated battery back-up memory and real time clock solution.
   
FEATURES SUMMARY
■ INTEGRATED ULTRA LOW POWER SRAM,
    REAL TIME CLOCK, POWER-FAIL
    CONTROL CIRCUIT, BATTERY, AND
    CRYSTAL
■ BCD CODED YEAR, MONTH, DAY, DATE,
    HOURS, MINUTES, AND SECONDS
■ AUTOMATIC POWER-FAIL CHIP
    DESELECT and WRITE PROTECTION
■ WRITE PROTECT VOLTAGES:
    (VPFD = Power-fail Deselect Voltage)
    – M48T512Y: VCC = 4.5 to 5.5V
        4.2V ≤ VPFD ≤ 4.5V
    – M48T512V*: VCC = 3.0 to 3.6V
        2.7V ≤ VPFD ≤ 3.0V
■ CONVENTIONAL SRAM OPERATION;
    UNLIMITED WRITE CYCLES
■ SOFTWARE CONTROLLED CLOCK
    CALIBRATION FOR HIGH ACCURACY
    APPLICATIONS
■ 10 YEARS OF DATA RETENTION AND
    CLOCK OPERATION IN THE ABSENCE OF
    POWER
■ PIN AND FUNCTION COMPATIBLE WITH
    INDUSTRY STANDARD 512K x 8 SRAMS
■ SELF-CONTAINED BATTERY AND
    CRYSTAL IN DIP PACKAGE
   




Similar Part No. - M48T512Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
370Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM
24-Jun-2011
M48T512Y-70PM1 STMICROELECTRONICS-M48T512Y-70PM1 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T512Y-70PM1 STMICROELECTRONICS-M48T512Y-70PM1 Datasheet
370Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM
24-Jun-2011
M48T512Y-85PM1 STMICROELECTRONICS-M48T512Y-85PM1 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
More results


Similar Description - M48T512Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
20-Jun-2000
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
101Kb / 17P
4 Mbit 512Kb x8 ZEROPOWER SRAM
Mar-2000
M68Z512 STMICROELECTRONICS-M68Z512 Datasheet
92Kb / 12P
4 Mbit 512Kb x8 Low Power SRAM with Output Enable
14-Mar-2000
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
09-Oct-2002
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
17-May-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com