Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLF12577NIT-100M-D Datasheet (PDF) - Nisshinbo Micro Devices Inc.

CLF12577NIT-100M-D Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # CLF12577NIT-100M-D
Download  CLF12577NIT-100M-D Download
File Size   1436.69 Kbytes
Page   47 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 34V, 3A PWM/VFM Step Down DC/DC Converter with PLL Synchronization for Industrial Applications

CLF12577NIT-100M-D Datasheet (PDF)

Go To PDF Page Download Datasheet
CLF12577NIT-100M-D Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # CLF12577NIT-100M-D
Download  CLF12577NIT-100M-D Click to download

File Size   1436.69 Kbytes
Page   47 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 34V, 3A PWM/VFM Step Down DC/DC Converter with PLL Synchronization for Industrial Applications

CLF12577NIT-100M-D Datasheet (HTML) - Nisshinbo Micro Devices Inc.


CLF12577NIT-100M-D Product details

FEATURES
• Operating Voltage (Maximum Rating) ··············· 3.6 V to 34 V (36 V)
• Consumption Current ··································· Typ. 18μA (VIN = 12 V)
• Stand-by Current ·········································· Typ. 0μA (VIN = 34 V, CE= 0 V)
• Output Voltage ············································· Externally-adjustable at 0.8 V or more
(Max. step down ratio 160ns  fosc)
• Feedback Voltage and Tolerance ····················· 0.8 V  1.0%
• Output Current ············································· 3A(1)
• Operating Frequency ···································· 300kHz to 2.4MHz settable by external resistor
• Minimum Off Time ········································ Typ. 120ns
• Maximum Duty ············································· Min. 93% (fosc = 300kHz), Min. 67% (fosc = 2400kHz)
• UVLO Function Detection Voltage ···················· Typ. 2.6 V
• OVLO Function Detection Voltage ·················· Min. 38 V
• Soft-start Time ············································· Internal soft-start time (Typ. 0.4ms), as a lower limit,
Externally-adjustable by using capacitor
• High-side Switch Current Limit ························ Typ. 4.5A, as a upper limit,
Externally-adjustable by using resistor
• Thermal Shutdown Function ··························· Typ. 160C
• CE Threshold Voltage ··································· Typ. 1.0 V
• Latch Protection Delay Time ··························· Typ. 2ms (R1270S001A)
• Fold-back Protection ····································· Fold-back for oscillation frequency
• VFB Voltage Temperature Tolerance (ΔVFB/ΔTa)· ·· Typ. ±100ppm/°C (−40°C ≤ Ta ≤ 125°C)
• Packages ··················································· HSOP-18




Similar Part No. - CLF12577NIT-100M-D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CLF12577NIT-100M-D TDK-CLF12577NIT-100M-D Datasheet
321Kb / 3P
Inductors (Coils)
logo
Nisshinbo Micro Devices...
CLF12577NIT-100M-D NISSHINBO-CLF12577NIT-100M-D Datasheet
1Mb / 48P
3 A, 34 V Input PWM/VFM Step Down DC/DC Converter with PLL Synchronization
More results


Similar Description - CLF12577NIT-100M-D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
PWM/VFM Step-down DC/DC Converter
Rev. 1.11
R1230D RICOH-R1230D Datasheet
881Kb / 20P
PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
Rev. 1.12
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
logo
RICOH electronics devic...
R1224N RICOH-R1224N Datasheet
1Mb / 42P
PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
PWM/VFM step-down DC/DC Converter
R1234D RICOH-R1234D Datasheet
915Kb / 26P
PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
logo
SeCoS Halbleitertechnol...
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
ELM612DA ELM-TECH-ELM612DA_17 Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com