Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0202 Datasheet (PDF) - Proto Advantage SMD Adapter

IPC0202 Datasheet PDF - Proto Advantage SMD Adapter
Part # IPC0202
Download  IPC0202 Download
File Size   107.68 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description Module-40 to DIP-40 SMT Adapter (1.3 mm pitch, 28.5 x 13 mm body)

IPC0202 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPC0202 Datasheet PDF - Proto Advantage SMD Adapter

Part # IPC0202
Download  IPC0202 Click to download

File Size   107.68 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description Module-40 to DIP-40 SMT Adapter (1.3 mm pitch, 28.5 x 13 mm body)

IPC0202 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - IPC0202

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0200 PROTOADVANTAGE-IPC0200 Datasheet
106Kb / 2P
HTSSOP-56 to DIP-60 SMT Adapter (0.5 mm pitch, 14 x 6.1 mm body)
revision 1.0
IPC0201 PROTOADVANTAGE-IPC0201 Datasheet
107Kb / 2P
HTQFP-64 to DIP-68 SMT Adapter (0.5 mm pitch, 10 x 10 mm body)
revision 1.0
IPC0203 PROTOADVANTAGE-IPC0203 Datasheet
104Kb / 2P
SuperSOT-3 to DIP-4 SMT Adapter (1.3 mm pitch, 4 x 3 mm body)
revision 1.0
IPC0204 PROTOADVANTAGE-IPC0204 Datasheet
105Kb / 2P
SOIC-24 to DIP-24 SMT Adapter (1.27 mm pitch, 15.4 x 7.5 mm body)
revision 1.0
IPC0205 PROTOADVANTAGE-IPC0205 Datasheet
106Kb / 2P
LGA-12 to DIP-12 SMT Adapter (0.8 mm pitch, 4.4 x 2.4 mm body)
revision 1.0
More results


Similar Description - IPC0202

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3204N-100 OKI-OL3204N-100 Datasheet
44Kb / 3P
1.3 mm High-Power DIP Module with 9mm Profile
logo
Aries Electronics, Inc.
1111163 ARIES-1111163 Datasheet
476Kb / 1P
40-Pin DIP-to-Socketable PLCC Adapter
logo
List of Unclassifed Man...
40PM010 ETC2-40PM010 Datasheet
86Kb / 2P
40 mm Planetary Gearhead
420J ETC2-420J Datasheet
221Kb / 1P
DC axial fans Series 420 J 40 x 40 x 28 mm
logo
Torex Semiconductor
QFN0404-24C TOREX-QFN0404-24C Datasheet
205Kb / 3P
40 x 40 mm (1600mm2)
logo
Schneider Electric
ZBY2H101 SCHNEIDER-ZBY2H101 Datasheet
117Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm unmarked
Nov 18, 2021
ZBZ34 SCHNEIDER-ZBZ34 Datasheet
122Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm unmarked
Nov 22, 2021
ZB2BY2931 SCHNEIDER-ZB2BY2931 Datasheet
72Kb / 2P
legend - 30 x 40 mm - red - 0
Mar 23, 2022
ZB2BY4930 SCHNEIDER-ZB2BY4930 Datasheet
93Kb / 2P
legend - 30 x 40 mm - white - I
Mar 23, 2022
ZB2BY4932 SCHNEIDER-ZB2BY4932 Datasheet
99Kb / 2P
legend - 30 x 40 mm - white - klaxon
Mar 23, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com