Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4701 Datasheet (PDF) - Infinite Electronics International, Inc.

SM4701 Datasheet PDF - Infinite Electronics International, Inc.
Part # SM4701
Download  SM4701 Download
File Size   568.1 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Bulkhead SMA Female (Jack) to BNC Female (Jack) Adapter, Nickel Plated Brass Body, High Temp, 1.3 VSWR

SM4701 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4701 Datasheet PDF - Infinite Electronics International, Inc.

Part # SM4701
Download  SM4701 Click to download

File Size   568.1 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Bulkhead SMA Female (Jack) to BNC Female (Jack) Adapter, Nickel Plated Brass Body, High Temp, 1.3 VSWR

SM4701 Datasheet (HTML) - Infinite Electronics International, Inc.


SM4701 Product details

Features
• VSWR of 1.3:1 max up to 4 GHz
• SMA interface meets
• MIL-STD-348
• BNC interface meets
• MIL-STD-348
• Contact plating according
• to MIL-G-45204
• Applications:
• Enables Between Series
• Connections
• General Purpose Test
• Rack Mounted Equipment
• SM4701
• DATA SHEET




Similar Part No. - SM4701

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM4703 FAIRVIEW-SM4703 Datasheet
546Kb / 4P
Bulkhead SMA Female to BNC Female Adapter
REV 4.1
SM4705 FAIRVIEW-SM4705 Datasheet
496Kb / 3P
Bulkhead SMA Female to BNC Female Adapter
REV 2.1
SM4708 FAIRVIEW-SM4708 Datasheet
565Kb / 4P
4 Hole Flange SMA Female to BNC Female Adapter
REV 5.3
SM4709 FAIRVIEW-SM4709 Datasheet
512Kb / 3P
SMA Female to BNC Female Adapter
REV 4.1
logo
ANYSOLAR LTD.
SM470K12L ANYSOLAR-SM470K12L Datasheet
624Kb / 6P
High Efficiency SolarMD.
Rev. Feb 2021
More results


Similar Description - SM4701

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
Bulkhead SMC Jack to BNC Female Adapter
PE9240 PASTERNACK-PE9240 Datasheet
254Kb / 3P
Bulkhead SMB Jack to BNC Female Adapter
PE9520 PASTERNACK-PE9520 Datasheet
251Kb / 2P
Bulkhead MCX Jack to BNC Female Adapter
logo
Amphenol Corporation
242181 AMPHENOL-242181 Datasheet
44Kb / 1P
SMA JACK TO BNC BULKHEAD JACK ADAPTER
logo
Huber+Suhner, Inc.
34_BNC-50-0-1133_N HUBERSUHNER-34_BNC-50-0-1133_N Datasheet
506Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-50-0-1133_U HUBERSUHNER-34_BNC-50-0-1133_U Datasheet
506Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-50-0-6100_N HUBERSUHNER-34_BNC-50-0-6100_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-SMA-50-21--_U HUBERSUHNER-34_BNC-SMA-50-21--_U Datasheet
503Kb / 2P
COAXIAL ADAPTER, BNC - SMA, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-75-0-1133_N HUBERSUHNER-34_BNC-75-0-1133_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-75-0-2133_N HUBERSUHNER-34_BNC-75-0-2133_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, Bulkhead, jack / jack (female / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com