Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSF202401R1250 Datasheet (PDF) - ABB

2CSF202401R1250 Datasheet PDF - ABB
Part # 2CSF202401R1250
Download  2CSF202401R1250 Download
File Size   147.17 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description F202 A-25/0.03 AP-R Residual Current Circuit Breaker 2P A type 30 mA

2CSF202401R1250 Datasheet (PDF)

Go To PDF Page Download Datasheet
2CSF202401R1250 Datasheet PDF - ABB

Part # 2CSF202401R1250
Download  2CSF202401R1250 Click to download

File Size   147.17 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description F202 A-25/0.03 AP-R Residual Current Circuit Breaker 2P A type 30 mA

2CSF202401R1250 Datasheet (HTML) - ABB


2CSF202401R1250 Product details

Extended Product Type F202 A-25/0.03 AP-R
Product ID 2CSF202401R1250
EAN 8012542785101
Catalog Description F202 A-25/0.03 AP-R Residual Current Circuit Breaker 2P A type 30 mA
Long Description
The RCCBs F200 series assures protection to people and installations against fault current
to earth. A large offer for standard instantaneous and selective AC and A types is completed
with some configurations for special applications. This product provides the best
compromise between safety and continuity in the service, thanks to the resistance to
unwanted trippings.
General Information




Similar Part No. - 2CSF202401R1250

ManufacturerPart #DatasheetDescription
logo
ABB
2CSF202325R1250 ABB-2CSF202325R1250 Datasheet
215Kb / 2P
F202 F-25/0,03 Residual Current Circuit Breaker
2CSF202325R1400 ABB-2CSF202325R1400 Datasheet
215Kb / 2P
F202 F-40/0,03 Residual Current Circuit Breaker
2CSF202325R1630 ABB-2CSF202325R1630 Datasheet
215Kb / 2P
F202 F-63/0,03 Residual Current Circuit Breaker
2CSF202568R3160 ABB-2CSF202568R3160 Datasheet
133Kb / 4P
F202 B-16/0.3 Residual Current Circuit Breaker 2P B type 300 mA
2023/08/08
2CSF202568R3250 ABB-2CSF202568R3250 Datasheet
301Kb / 5P
F202 B-25/0.3 Residual Current Circuit Breaker 2P B type 300 mA
2023/08/08
More results


Similar Description - 2CSF202401R1250

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020131MB SUYIN-USA-020131MB Datasheet
131Kb / 1P
USB A TYPE R/A SMD TYPE (REVERSED TYPE)
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
USB A TYPE R/A DIP TYPE
logo
Wurth Elektronik GmbH &...
61400416021 WURTH-61400416021 Datasheet
816Kb / 2P
USB FEMALE R/A A TYPE
logo
PHOENIX CONTACT
2806223 PHOENIX-2806223 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
2806249 PHOENIX-2806249 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
logo
Schneider Electric
56270 SCHNEIDER-56270 Datasheet
136Kb / 3P
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 12/24 VAC 50/60 Hz, 12/48 VDC, front panel mounting
Dec 10, 2020
56273 SCHNEIDER-56273 Datasheet
136Kb / 3P
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 220/240 VAC 50/60 Hz, front panel mounting
Dec 10, 2020
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X400 VACUUMSCHMELZE-T60404-N4646-X400 Datasheet
263Kb / 5P
25 A Current Sensor
logo
Weidmuller
2656270000 WEIDMULLER-2656270000 Datasheet
139Kb / 2P
Residual current transformer (RCM), Primary current: 18 A
November 4, 2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com