Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA0009 Datasheet (PDF) - Proto Advantage SMD Adapter

BGA0009 Datasheet PDF - Proto Advantage SMD Adapter
Part # BGA0009
Download  BGA0009 Download
File Size   41.9 Kbytes
Page   1 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description BGA-484 SMT Adapter (1.27 mm pitch, 22 x 22 grid)

BGA0009 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA0009 Datasheet PDF - Proto Advantage SMD Adapter

Part # BGA0009
Download  BGA0009 Click to download

File Size   41.9 Kbytes
Page   1 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description BGA-484 SMT Adapter (1.27 mm pitch, 22 x 22 grid)

BGA0009 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - BGA0009

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
BGA0001 PROTOADVANTAGE-BGA0001 Datasheet
41Kb / 1P
BGA-100 SMT Adapter (0.8 mm pitch, 10 x 10 grid)
revision 1.0
BGA0002 PROTOADVANTAGE-BGA0002 Datasheet
41Kb / 1P
BGA-324 SMT Adapter (0.8 mm pitch, 18 x 18 grid)
revision 1.0
BGA0002-SOCKET PROTOADVANTAGE-BGA0002-SOCKET Datasheet
109Kb / 1P
BGA-324 SMT Adapter (0.8 mm pitch, 18 x 18 grid) – Solder or Socket Options
revision 1.0
BGA0004 PROTOADVANTAGE-BGA0004 Datasheet
41Kb / 1P
BGA-100 SMT Adapter (1.0 mm pitch, 10 x 10 grid)
revision 1.0
BGA0006 PROTOADVANTAGE-BGA0006 Datasheet
41Kb / 1P
BGA-484 SMT Adapter (1.0 mm pitch, 22 x 22 grid)
revision 1.0
More results


Similar Description - BGA0009

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2LPXXX ALTECH-2LPXXX Datasheet
279Kb / 1P
22 mm Legend Plates
2BTX ALTECH-2BTX Datasheet
165Kb / 1P
Boots for 22 mm Booted Actuators 2BTx (x=color)
P2AS2-X ALTECH-P2AS2-X Datasheet
262Kb / 1P
22 mm Thermoplastic Enclosure Selector Switch P2AS2-x (x=type)
logo
Harwin Plc
M50-3600142 HARWIN-M50-3600142 Datasheet
136Kb / 1P
1.27 mm PITCH DIL VERTICAL SMT PIN HEADER
M50-4300345 HARWIN-M50-4300345 Datasheet
98Kb / 1P
1.27 mm PITCH DIL VERTICAL SMT SOCKET ASSY
M50-4905045 HARWIN-M50-4905045 Datasheet
85Kb / 1P
1.27 mm PITCH DIL SMT PIN HEADER ASSY
logo
Bourns Electronic Solut...
6537 BOURNS-6537 Datasheet
161Kb / 1P
22 mm Precision Potentiometer
logo
Eaton All Rights Reserv...
10115 EATON-10115 Datasheet
130Kb / 3P
Bussmann series 22 x 58 mm Modular fuse holders
logo
Schneider Electric
ZB2BY2178 SCHNEIDER-ZB2BY2178 Datasheet
93Kb / 2P
legend - 횠 22 - 30 x 40 mm - O-I
Mar 23, 2022
logo
EAO AG.
82-6571.1000 EAO-82-6571.1000 Datasheet
423Kb / 2P
Pushbutton 22 mm Aluminium
05.09.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com