Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSM081022R0811 Datasheet (PDF) - ABB

2CSM081022R0811 Datasheet PDF - ABB
Part # 2CSM081022R0811
Download  2CSM081022R0811 Download
File Size   831.95 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description TS 8/4-8-12SW Non-inherently short-circuit proof bell transformer

2CSM081022R0811 Datasheet (PDF)

Go To PDF Page Download Datasheet
2CSM081022R0811 Datasheet PDF - ABB

Part # 2CSM081022R0811
Download  2CSM081022R0811 Click to download

File Size   831.95 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description TS 8/4-8-12SW Non-inherently short-circuit proof bell transformer

2CSM081022R0811 Datasheet (HTML) - ABB


2CSM081022R0811 Product details

Extended Product Type: TS 8/4-8-12SW
Product ID: 2CSM081022R0811
EAN: 8012542368700
Catalog Description: TS 8/4-8-12SW Non-inherently short-circuit proof bell transformer
Long Description: These transformers, with safety extremely-low voltage secondary
(SELV), are suitable for driving loads that call for a discontinuous
supply. Switch 0-1.
General Information




Similar Part No. - 2CSM081022R0811

ManufacturerPart #DatasheetDescription
logo
ABB
2CSM081012R0811 ABB-2CSM081012R0811 Datasheet
831Kb / 5P
TS 8/4-6-8SW
11/29/2019
More results


Similar Description - 2CSM081022R0811

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
logo
TT Electronics.
LOB TTELEC-LOB Datasheet
531Kb / 3P
Inherently non-inductive
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
Short-circuit, surge, and overload-proof output
0309549 PHOENIX-0309549 Datasheet
45Kb / 2P
Short-circuit connector - KSS 4- 8
0311540 PHOENIX-0311540 Datasheet
46Kb / 3P
Short-circuit connector - KSS 8
logo
Bel Fuse Inc.
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
Inherently or Non-Inherently Limited
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com