Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0200 Datasheet (PDF) - Proto Advantage SMD Adapter

PA0200 Datasheet PDF - Proto Advantage SMD Adapter
Part # PA0200
Download  PA0200 Download
File Size   45.25 Kbytes
Page   1 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description PQFP-100 to PGA-100 SMT Adapter (0.65 mm pitch, 14 x 20 mm body)

PA0200 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA0200 Datasheet PDF - Proto Advantage SMD Adapter

Part # PA0200
Download  PA0200 Click to download

File Size   45.25 Kbytes
Page   1 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description PQFP-100 to PGA-100 SMT Adapter (0.65 mm pitch, 14 x 20 mm body)

PA0200 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - PA0200

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
PA02001 POLYMAKER-PA02001 Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
PA02002 POLYMAKER-PA02002 Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
PA02003 POLYMAKER-PA02003 Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
PA02004 POLYMAKER-PA02004 Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
PA02005 POLYMAKER-PA02005 Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
More results


Similar Description - PA0200

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
97-AQ132D ARIES-97-AQ132D Datasheet
851Kb / 1P
132-Pin Amp Footprint PQFP-to-PGA Socket
logo
List of Unclassifed Man...
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
100 x 100 x 38 MM SERIES
logo
Aries Electronics, Inc.
18020 ARIES-18020 Datasheet
448Kb / 1P
P/N 96-160M65 160-Position, 0.0256 [0.65] Pitch QFP-to-PGA Adapter
logo
Kingbright Corporation
APGF0606VGTPBTSEETC KINGBRIGHT-APGF0606VGTPBTSEETC Datasheet
334Kb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
APG0603RWF-TT-5MAV TO-GRACE-APG0603RWF-TT-5MAV Datasheet
766Kb / 4P
0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPGF-0606GBRC-120 TO-GRACE-KPGF-0606GBRC-120 Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Banner Engineering Corp...
LEDRB100X200N BANNER-LEDRB100X200N Datasheet
45Kb / 2P
LED Backlights (100 x 200 mm)
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
logo
EHAOAN.
EH-C201KSKT EHAOAN-EH-C201KSKT Datasheet
1Mb / 8P
Dimension( L/W/H) : 0.65 x 0.35 x 0.4 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com