Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR10P Datasheet (PDF) - ABB

BSR10P Datasheet PDF - ABB
Part # BSR10P
Download  BSR10P Download
File Size   503.4 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Sentry BSR10P Safety relay

BSR10P Datasheet (PDF)

Go To PDF Page Download Datasheet
BSR10P Datasheet PDF - ABB

Part # BSR10P
Download  BSR10P Click to download

File Size   503.4 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Sentry BSR10P Safety relay

BSR10P Datasheet (HTML) - ABB


BSR10P Product details

Extended Product Type Sentry BSR10P
Product ID 2TLA010040R0001
EAN 7350024483888
Catalog Description Sentry BSR10P Safety relay
Long Description
Sentry BSR10P Safety relay and expansion relay with relay outputs 3NO+1NC, +24 VDC
supply voltage and push-in spring terminals.
For monitoring of safety devices, such as emergency stops, directly in the voltage
supply circuit of the relay.
Also suitable as expansion relay for a safety relay/ safety PLC, in order to increase the
number of safe outputs.
Sentry safety relays cover various types of safety applications up to PLe / SIL3.
Basic models provide reliable supervision of simpler safety functions, while universal
models provide advanced features and high flexibility.
Models with display offer preset configurations and extensive information to further
simplify troubleshooting.
Additional variants offer a high accuracy timer function of ± 1% and an adjustable time
setting range from 0-999 s.
High output current capacity of up to 6 A can save the use of an intermediary
contactor. Multi-reset allows up to 10 safety relays connected to one reset lightbutton.
All models are available with detachable push-in or screw terminals. Terminals and
coding kit to mark removed terminals are available as accessories.
General Information




Similar Part No. - BSR10P

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BSR106WS MCC-BSR106WS Datasheet
182Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
logo
Micro Analog systems
BSR106WS MAS-BSR106WS Datasheet
195Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
BSR106WS-TP MAS-BSR106WS-TP Datasheet
195Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
More results


Similar Description - BSR10P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
Safety relay
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
Safety Relay SR6
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
Safety Relay SR2M
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
Safety Relay Unit
logo
Hongfa Technology
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
SAFETY RELAY
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com