Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR11P Datasheet (PDF) - ABB

BSR11P Datasheet PDF - ABB
Part # BSR11P
Download  BSR11P Download
File Size   499.17 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Sentry BSR11P Safety relay

BSR11P Datasheet (PDF)

Go To PDF Page Download Datasheet
BSR11P Datasheet PDF - ABB

Part # BSR11P
Download  BSR11P Click to download

File Size   499.17 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Sentry BSR11P Safety relay

BSR11P Datasheet (HTML) - ABB


BSR11P Product details

Extended Product Type Sentry BSR11P
Product ID 2TLA010040R0201
EAN 7350024486230
Catalog Description Sentry BSR11P Safety relay
Long Description
Sentry BSR11P Safety relay and expansion relay with relay outputs 4NO, +24 VDC
supply voltage and push-in spring terminals.
For monitoring of safety devices, such as emergency stops, directly in the voltage
supply circuit of the relay.
Also suitable as expansion relay for a safety relay/safety PLC, in order to increase the
number of safe outputs.
Sentry safety relays cover various types of safety applications up to PLe / SIL3.
Basic models provide reliable supervision of simpler safety functions, while universal
models provide advanced features and high flexibility.
Models with display offer preset configurations and extensive information to further
simplify troubleshooting.
Additional variants offer a high accuracy timer function of ± 1% and an adjustable time
setting range from 0-999 s.
High output current capacity of up to 6 A can save the use of an intermediary
contactor. Multi-reset allows up to 10 safety relays connected to one reset lightbutton.
All models are available with detachable push-in or screw terminals. Terminals and
coding kit to mark removed terminals are available as accessories.
General Information




Similar Part No. - BSR11P

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BSR110000FE BITECH-BSR110000FE Datasheet
167Kb / 4P
Thick Film 2512 Surge Resistors
BSR110000GE BITECH-BSR110000GE Datasheet
167Kb / 4P
Thick Film 2512 Surge Resistors
BSR110000JE BITECH-BSR110000JE Datasheet
167Kb / 4P
Thick Film 2512 Surge Resistors
BSR110000KE BITECH-BSR110000KE Datasheet
167Kb / 4P
Thick Film 2512 Surge Resistors
BSR110000ME BITECH-BSR110000ME Datasheet
167Kb / 4P
Thick Film 2512 Surge Resistors
More results


Similar Description - BSR11P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
Safety relay
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
Safety Relay SR6
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
Safety Relay SR2M
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
Safety Relay Unit
logo
Hongfa Technology
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
SAFETY RELAY
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com