Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7TCA091160R0359 Datasheet (PDF) - ABB

7TCA091160R0359 Datasheet PDF - ABB
Part # 7TCA091160R0359
Download  7TCA091160R0359 Download
File Size   189.79 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description LED SIGN M3 22M

7TCA091160R0359 Datasheet (PDF)

Go To PDF Page Download Datasheet
7TCA091160R0359 Datasheet PDF - ABB

Part # 7TCA091160R0359
Download  7TCA091160R0359 Click to download

File Size   189.79 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description LED SIGN M3 22M

7TCA091160R0359 Datasheet (HTML) - ABB


7TCA091160R0359 Product details

Extended Product Type EG3LS1-S22
Product ID 7TCA091160R0359
EAN 5415022327229
Catalog Description LED SIGN M3 22M
Long Description Guideway 22M Surface Luminaire, M3, 220-240 AC 50Hz, 1 LED 2W, Environment Temperature 5-35
Degrees Celsius, Includes Arrow Up and Blank Pictogram
Number of Batteries 1
General Information




Similar Part No. - 7TCA091160R0359

ManufacturerPart #DatasheetDescription
logo
ABB
7TCA091160R0360 ABB-7TCA091160R0360 Datasheet
135Kb / 2P
Product Specification
7TCA091160R0361 ABB-7TCA091160R0361 Datasheet
253Kb / 2P
REC LED SIGN M3 22M
7TCA091160R0362 ABB-7TCA091160R0362 Datasheet
72Kb / 2P
REC LED SIGN M3 32M
More results


Similar Description - 7TCA091160R0359

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672 Datasheet
266Kb / 11P
N-Channel PowerTrench MOSFET 100V, 7.5A, 22m?
logo
Dialight Corporation
RS5C4F-C DIALIGHT-RS5C4F-C Datasheet
308Kb / 4P
StreetSense??RS Series LED Roadway Sign Light
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672_12 Datasheet
317Kb / 7P
N-Channel PowerTrench짰 MOSFET 100V, 7.5A, 22m廓
logo
Adam Technologies, Inc.
125CH-D-XX ADAM-TECH-125CH-D-XX Datasheet
77Kb / 1P
CRIMP HOUSING SIGN ROW
logo
MagnaChip Semiconductor...
MDD1901 MGCHIP-MDD1901 Datasheet
867Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 22m(ohm)
MDS5652 MGCHIP-MDS5652 Datasheet
756Kb / 6P
Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
logo
Taiwan Semiconductor Co...
TSM220NB06CR TSC-TSM220NB06CR Datasheet
309Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
logo
Vishay Siliconix
VS-60CTQ035-M3 VISHAY-VS-60CTQ035-M3 Datasheet
164Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
17-Aug-17
VS-30CTH02S-M3 VISHAY-VS-30CTH02S-M3 Datasheet
180Kb / 7P
Hyperfast Rectifier, 30 A FRED Pt®
24-Oct-17
logo
CONEC Elektronische Bau...
740-342470 CONEC-740-342470 Datasheet
172Kb / 1P
Hex bolt 13mm long M3 / M3
28.05.2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com