Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSU3032 Datasheet (PDF) - Mosel Vitelic, Corp

MSU3032 Datasheet PDF - Mosel Vitelic, Corp
Part # MSU3032
Download  MSU3032 Download
File Size   112.47 Kbytes
Page   1 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 90 Voice Smart with LCD

MSU3032 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSU3032 Datasheet PDF - Mosel Vitelic, Corp

Part # MSU3032
Download  MSU3032 Click to download

File Size   112.47 Kbytes
Page   1 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 90 Voice Smart with LCD

MSU3032 Datasheet (HTML) - Mosel Vitelic, Corp


MSU3032 Product details

General Description
The MSU30x2 is a monolithic talking microcomputer that can memorize voice up to 60/90/120 seconds using MOSEL qualified coding method(MPCM). Its an integration of traditional 4-bit microcomputer and voice chip with minimal external components. LCD driver and miscellaneous interface are provided for versatile applications. With more than bit 10K ROM/RAM inside, this chip meets every intelligent novelty. Customer requested function and voice data will be built in by changing masks during fabrication.

Hardware Features
■ Low current consumption
■ Maximal function with minimal cost
■ Current output could drive 8 ohm speaker with a transistor, Vout could drive buzzer directly.
■ The voice content is stored up to 120 seconds at 6 KHz (B0000h) and can be separated to 256 sections.
■ Duration of each section can be different and is multiples of 100h.
■ Duration of section with appended memory-less mute is up to 40 seconds (100000h).
■ Each trigger can access a sentence, up to 256 sentences could be access. 1024 entry count are provided.
■ Working at 2.4V through 6.0V
■ Precise voice sample rate 8 KHz is provided.
■ Auto ramp up and ramp down.
■ Halt mode is provided. Very low current consumption at Halt mode.
■ LCD driver provided, can drive up to 75 segments
■ Built-In clock generator
■ Built-In doubler, halver, tripler
■ Internal program ROM : 1024 x 15 bits;
■ Internal program RAM : 64 x 4 bits
■ Internal stack RAM: 4x10 bits.
■ Two 4-bit input ports
■ Two 4-bit input/output ports
■ One 4-bit output port

Software Features
■ 76 instructions, in 39 mnemonics
■ 4-level subroutine nesting (also used for interrupt)
■ Two external factors (INT, S&M) for interrupt
■ Two internal factors (timer, divider) for interrupt




Similar Part No. - MSU3032

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU3032 MOSEL-MSU3032 Datasheet
63Kb / 1P
60/90/120 Voice Smart
More results


Similar Description - MSU3032

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU001 MOSEL-MSU001 Datasheet
127Kb / 12P
20 VOICE SMART
MSU3022 MOSEL-MSU3022 Datasheet
63Kb / 1P
60/90/120 Voice Smart
MSU3022 MOSEL-MSU3022 Datasheet
112Kb / 1P
60 Voice smart with LCD
MSU3122 MOSEL-MSU3122 Datasheet
112Kb / 1P
LCD-less 60 Voice smart
MSU3132 MOSEL-MSU3132 Datasheet
111Kb / 1P
LCD-less 90 Voice Smart
MSU3142 MOSEL-MSU3142 Datasheet
111Kb / 1P
LCD-less 120 Voice Smart
MSU7001 MOSEL-MSU7001 Datasheet
20Kb / 1P
OTP of 20 Voice Smart
logo
SONiX Technology Compan...
SN6A060 SONIX-SN6A060 Datasheet
123Kb / 6P
LCD Controller with Voice/Dual Tone Melody
SN6A296 SONIX-SN6A296 Datasheet
306Kb / 5P
LCD Controller with Voice/Dual Tone Melody?
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
LCD Controller with Voice/Dual Tone Melody
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com