Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8S89832I Datasheet (PDF) - Renesas Technology Corp

8S89832I Datasheet PDF - Renesas Technology Corp
Part # 8S89832I
Download  8S89832I Download
File Size   617.66 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer

8S89832I Datasheet (PDF)

Go To PDF Page Download Datasheet
8S89832I Datasheet PDF - Renesas Technology Corp

Part # 8S89832I
Download  8S89832I Click to download

File Size   617.66 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer

8S89832I Datasheet (HTML) - Renesas Technology Corp


8S89832I Product details

• Four differential LVDS output pairs
• IN, nIN input pairs can accept the following differential input levels:
LVPECL, LVDS, SSTL
• 50 internal input termination to VT
• Maximum output frequency: 2GHz
• Output skew: 25ps (maximum)
• Part-to-part skew: 200ps (maximum)
• Propagation delay: 550ps (maximum)
• Additive phase jitter, RMS: 0.09ps (typical)
• Full 2.5V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8S89832I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
8S89832I IDT-8S89832I Datasheet
321Kb / 14P
Low Skew, 1-to-4 Different ial-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
8S89832I RENESAS-8S89832I Datasheet
617Kb / 14P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
October 22, 2025
logo
Integrated Device Techn...
8S89832I IDT-8S89832I_17 Datasheet
321Kb / 14P
Low Skew, 1-to-4 Different ial-to-LVDS Fanout Buffer
More results


Similar Description - 8S89832I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8543BGILF IDT-ICS8543BGILF Datasheet
902Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
ICS854104 IDT-ICS854104 Datasheet
750Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
ICS854104I IDT-ICS854104I Datasheet
321Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
ICS854104 RENESAS-ICS854104 Datasheet
747Kb / 16P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
ICS854104I RENESAS-ICS854104I Datasheet
724Kb / 16P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com