Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

854S712 Datasheet (PDF) - Renesas Technology Corp

854S712 Datasheet PDF - Renesas Technology Corp
Part # 854S712
Download  854S712 Download
File Size   685.84 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:2 Fanout Buffer with Pre-Emphasis

854S712 Datasheet (PDF)

Go To PDF Page Download Datasheet
854S712 Datasheet PDF - Renesas Technology Corp

Part # 854S712
Download  854S712 Click to download

File Size   685.84 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:2 Fanout Buffer with Pre-Emphasis

854S712 Datasheet (HTML) - Renesas Technology Corp


854S712 Product details

• 1:2 differential data/clock fanout buffer and line driver
• 4.5 Gbps data rate (NRZ) (maximum)
• Differential LVDS outputs
• Differential input supporting LVDS, LVPECL and CML levels
• Configurable output pre-emphasis
• Low-skew outputs: 10ps (maximum)
• Low data deterministic jitter: 4ps (maximum)
• LVCMOS interface levels for the control inputs
• Asynchronous output disable into high-impedance state
• Internal input termination: 100(Differential)
• Additive phase jitter, RMS: 0.08ps (typical)
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 854S712

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
854S712 IDT-854S712 Datasheet
457Kb / 17P
1:2 Fanout Buffer with Pre-Emphasis
logo
Renesas Technology Corp
854S712 RENESAS-854S712 Datasheet
765Kb / 18P
1:2 Fanout Buffer with Pre-Emphasis
October 10, 2017
logo
Integrated Device Techn...
854S712AKILF IDT-854S712AKILF Datasheet
457Kb / 17P
1:2 Fanout Buffer with Pre-Emphasis
logo
Renesas Technology Corp
854S712AKILF RENESAS-854S712AKILF Datasheet
765Kb / 18P
1:2 Fanout Buffer with Pre-Emphasis
October 10, 2017
logo
Integrated Device Techn...
854S712AKILFT IDT-854S712AKILFT Datasheet
457Kb / 17P
1:2 Fanout Buffer with Pre-Emphasis
More results


Similar Description - 854S712

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Integrated Device Techn...
854S712 IDT-854S712 Datasheet
457Kb / 17P
1:2 Fanout Buffer with Pre-Emphasis
logo
Renesas Technology Corp
854S712 RENESAS-854S712 Datasheet
765Kb / 18P
1:2 Fanout Buffer with Pre-Emphasis
October 10, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com