Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2373F Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM2373F Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM2373F
Download  NJM2373F Download
File Size   113.04 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description ADJUSTABLE HIGH PRECISION SHUNT REGULATOR

NJM2373F Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2373F Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM2373F
Download  NJM2373F Click to download

File Size   113.04 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description ADJUSTABLE HIGH PRECISION SHUNT REGULATOR

NJM2373F Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM2373F Product details

FEATURES
● Operating Voltage VREF to 13V
● High Precision Voltage Reference NJM2373 1.25V±2%
NJM2373A/76 1.25V±1%
● Minimum Input Current 80μA typ.
● Adjustable Output Voltage
● Bipolar Technology
● Package Outline SOT-89 (3pin), MTP5




Similar Part No. - NJM2373F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
Adjustable High Precision Shunt Regulator
NJM2373A NJRC-NJM2373A Datasheet
128Kb / 5P
Adjustable High Precision Shunt Regulator
More results


Similar Description - NJM2373F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
New Japan Radio
NJM1431A NJRC-NJM1431A Datasheet
76Kb / 5P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Silicon Standard Corp.
SS6431G SSC-SS6431G Datasheet
263Kb / 11P
Adjustable High-Precision Shunt Regulator
logo
New Japan Radio
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
Adjustable High Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com