Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2 Datasheet (PDF) - ABB

SR2 Datasheet PDF - ABB
Part # SR2
Download  SR2 Download
File Size   36.26 Kbytes
Page   1 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description YALE TYPE CLOSURE AND SR KEY

SR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR2 Datasheet PDF - ABB

Part # SR2
Download  SR2 Click to download

File Size   36.26 Kbytes
Page   1 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description YALE TYPE CLOSURE AND SR KEY

SR2 Datasheet (HTML) - ABB


SR2 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
SR2
AA8002
8015646000705
YALE TYPE CLOSURE AND SR KEY
Box Ø19mm with security insert and Yake type key




Similar Part No. - SR2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR2 TEC-SR2 Datasheet
359Kb / 2P
2 pole relay with force guided contacts according to EN50205
logo
STMicroelectronics
SR2 STMICROELECTRONICS-SR2 Datasheet
474Kb / 22P
6 pin Smart Reset?
13-May-2014
logo
CUI INC
SR2 CUI-SR2 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
logo
ABB
SR2 ABB-SR2 Datasheet
832Kb / 6P
Metal enclosures for automation and distribution
logo
CUI Devices
SR2 CUID-SR2 Datasheet
422Kb / 5P
SIGNALRELAY
10/27/2022
More results


Similar Description - SR2

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
Contact Closure DC Input Modules
logo
Molex Electronics Ltd.
0398605008 MOLEX11-0398605008 Datasheet
556Kb / 2P
PLUGGABLE SR BTS ASSY, (200 CENTERS) WITH KEY FEATURE
0398611002 MOLEX11-0398611002 Datasheet
556Kb / 2P
PLUGGABLE SR BTS ASSY, (200 CENTERS) WITH KEY FEATURE
0398630112 MOLEX11-0398630112 Datasheet
556Kb / 2P
PLUGGABLE SR BTS ASSY, (200 CENTERS) WITH KEY FEATURE
logo
List of Unclassifed Man...
AT293-10M ETC2-AT293-10M Datasheet
53Kb / 1P
CLOSURE PLATE TAPE
logo
Molex Electronics Ltd.
130155-0078 MOLEX11-130155-0078 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
130155-0081 MOLEX11-130155-0081 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
130155-0083 MOLEX11-130155-0083 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
130155-0084 MOLEX11-130155-0084 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
1203080677 MOLEX-1203080677 Datasheet
21Kb / 1P
Plastic Closure Cap
04/05/2023
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com