Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3AXD50000047767 Datasheet (PDF) - ABB

3AXD50000047767 Datasheet PDF - ABB
Part # 3AXD50000047767
Download  3AXD50000047767 Download
File Size   371.07 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description ACS480-04-04A1-4 Pcont.max:1,5kW, Icont.max:3,8A

3AXD50000047767 Datasheet (PDF)

Go To PDF Page Download Datasheet
3AXD50000047767 Datasheet PDF - ABB

Part # 3AXD50000047767
Download  3AXD50000047767 Click to download

File Size   371.07 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description ACS480-04-04A1-4 Pcont.max:1,5kW, Icont.max:3,8A

3AXD50000047767 Datasheet (HTML) - ABB


3AXD50000047767 Product details

Global Commercial Alias ACS480-04-04A1-4
Product ID 3AXD50000047767
ABB Type Designation ACS480-04-04A1-4
EAN 6438177458951
Catalog Description ACS480-04-04A1-4 Pcont.max:1,5kW, Icont.max:3,8A
General Information




Similar Part No. - 3AXD50000047767

ManufacturerPart #DatasheetDescription
logo
ABB
3AXD50000047765 ABB-3AXD50000047765 Datasheet
371Kb / 2P
ACS480-04-02A7-4 Pcont.max:0,75kW, Icont.max:2,5A
3AXD50000047766 ABB-3AXD50000047766 Datasheet
302Kb / 2P
ACS480-04-03A4-4 Pcont.max:1,1kW, Icont.max:3,1A
3AXD50000047768 ABB-3AXD50000047768 Datasheet
371Kb / 2P
ACS480-04-05A7-4 Pcont.max:2,2kW, Icont.max:5,3A
3AXD50000047769 ABB-3AXD50000047769 Datasheet
371Kb / 2P
ACS480-04-07A3-4 Pcont.max:3kW, Icont.max:6,8A
More results


Similar Description - 3AXD50000047767

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSF003604GD-W57LZ4E1D OPTOSUPPLY-OSF003604GD-W57LZ4E1D Datasheet
62Kb / 1P
FESTOON 04 SUPER FLUX
logo
E-SWITCH
04-SRJ10 E-SWITCH-04-SRJ10 Datasheet
79Kb / 1P
04-SRJ10
logo
Adam Technologies, Inc.
RF5-500-2 ADAM-TECH-RF5-500-2 Datasheet
57Kb / 1P
N TYPE 04
logo
Tyco Electronics
1003800-5 MACOM-1003800-5 Datasheet
915Kb / 10P
Accelerometer ACH-04-08-05
logo
TE Connectivity Ltd
C-1579001-8 TEC-C-1579001-8 Datasheet
88Kb / 1P
EGC0-0065-04
logo
PHOENIX CONTACT
1585605 PHOENIX-1585605 Datasheet
122Kb / 5P
HC-M-04-MOD-BUC
logo
Schneider Electric
ATV71HU15N4Z460 SCHNEIDER-ATV71HU15N4Z460 Datasheet
125Kb / 4P
ATV71 480V 1,5KW 2HP CEM w/o graphic terminal
01 January 2022
ATV71HU15N4460 SCHNEIDER-ATV71HU15N4460 Datasheet
125Kb / 4P
ATV71 480V 1,5KW 2HP with graphic terminal
01 January 2022
ATV312HU15M2410 SCHNEIDER-ATV312HU15M2410 Datasheet
153Kb / 4P
Variable speed drive ATV312 1,5KW 240 single phase - S410
01 January 2022
logo
Vishay Barry
A3000-10-6X BARRY-A3000-10-6X Datasheet
129Kb / 1P
Rev.B 04/07/10
Rev.B 04/07/10
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com