Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD798 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SD798 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SD798
Download  2SD798 Download
File Size   276.71 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Darlington Power Transistor

2SD798 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD798 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SD798
Download  2SD798 Click to download

File Size   276.71 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Darlington Power Transistor

2SD798 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SD798 Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 300V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat): 2.0V(Max) @IC= 4.0A
APPLICATIONS
· With Switching And lgniter Applications




Similar Part No. - 2SD798

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD798 MOSPEC-2SD798 Datasheet
131Kb / 3P
POWER TRANSISTORS(6A,300V,30W)
logo
Savantic, Inc.
2SD798 SAVANTIC-2SD798 Datasheet
99Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD798 JMNIC-2SD798 Datasheet
82Kb / 3P
Silicon Power Transistors
2SD798 JMNIC-2SD798_15 Datasheet
82Kb / 3P
Silicon Power Transistors
2SD798_2015 JMNIC-2SD798_2015 Datasheet
82Kb / 3P
Silicon Power Transistors
More results


Similar Description - 2SD798

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com