Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03089 Datasheet (PDF) - Premier Farnell Limited.

D03089 Datasheet PDF - Premier Farnell Limited.
Part # D03089
Download  D03089 Download
File Size   150.73 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Water Pump Plier 12” (300mm)

D03089 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03089 Datasheet PDF - Premier Farnell Limited.

Part # D03089
Download  D03089 Click to download

File Size   150.73 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Water Pump Plier 12” (300mm)

D03089 Datasheet (HTML) - Premier Farnell Limited.


D03089 Product details

Features
Made from forged chrome vanadium steel
Hardened and tempered
7 Position adjustment
Box jointed construction
Slim head design for use in confined spaces




Similar Part No. - D03089

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03080 DURATOOL-D03080 Datasheet
148Kb / 1P
Combination Spanner Set
21/07/17 V1.0
D03081 DURATOOL-D03081 Datasheet
239Kb / 1P
Combination Spanner Set
21/07/17 V1.0
D03082 DURATOOL-D03082 Datasheet
127Kb / 1P
Combination Spanner Set
21/07/17 V1.0
D03083 DURATOOL-D03083 Datasheet
177Kb / 1P
Metric and Imperial Spanner Set
21/07/17 V1.0
More results


Similar Description - D03089

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1680222 ETC2-1680222 Datasheet
121Kb / 1P
Water Pump Plier
BU-40A-0 ETC2-BU-40A-0 Datasheet
57Kb / 1P
Micro Plier-Type Clip
BU-40C-0 ETC2-BU-40C-0 Datasheet
57Kb / 1P
Micro Plier-Type Clip
BU-41A-0 ETC2-BU-41A-0 Datasheet
91Kb / 1P
LARGE PLIER CLIP
BU-46A-0 ETC2-BU-46A-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46A-2 ETC2-BU-46A-2 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-0 ETC2-BU-46C-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-023Z ETC2-BU-46C-023Z Datasheet
81Kb / 1P
Miniature Plier-Type Clip
logo
Molex Electronics Ltd.
151341203 MOLEX-151341203 Datasheet
156Kb / 1P
Picoblade 12 Circuit 300MM
2017/08/30
logo
Lapp.
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com