Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03162 Datasheet (PDF) - Premier Farnell Limited.

D03162 Datasheet PDF - Premier Farnell Limited.
Part # D03162
Download  D03162 Download
File Size   151.51 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 4” Plastic Magnetic Parts Tray

D03162 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03162 Datasheet PDF - Premier Farnell Limited.

Part # D03162
Download  D03162 Click to download

File Size   151.51 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 4” Plastic Magnetic Parts Tray

D03162 Datasheet (HTML) - Premier Farnell Limited.


D03162 Product details

Features
Corrosion-resistant with ABS plastic covering
Securely holds nuts, bolts & small ferrous components
Soft, non-marking, magnetic base adheres to ferrous metal surfaces
For automotive, garage & workshop
Enclosure Material: Metal
Dimensions: (Diameter x Depth) 108 x 22mm each
Supplied in 4 colours: Red, Black, blue, Yellow

Description
4" ABS plastic strong magnetic trays. Useful for retaining small metal fixings.




Similar Part No. - D03162

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D03165-000 PANDUIT-D03165-000 Datasheet
85Kb / 2P
DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
More results


Similar Description - D03162

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44031 EPCOS-B44031 Datasheet
59Kb / 1P
Mounting Parts
B44033-A1143 EPCOS-B44033-A1143 Datasheet
182Kb / 9P
Mounting parts
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
MOLDED PARTS
QCB QUALTEK-QCB Datasheet
502Kb / 1P
MOLDED PARTS
QCFT QUALTEK-QCFT Datasheet
584Kb / 1P
MOLDED PARTS
QLB QUALTEK-QLB Datasheet
649Kb / 1P
MOLDED PARTS
QMR QUALTEK-QMR Datasheet
617Kb / 1P
MOLDED PARTS
logo
Productwell Precision E...
QMB320-60-24 PRODUCTWELL-QMB320-60-24 Datasheet
553Kb / 1P
MOLDED PARTS
logo
Molex Electronics Ltd.
0734130040 MOLEX11-0734130040 Datasheet
57Kb / 1P
50 Ohms, SSMCX Jack, Magnetic, Vertical, Tray
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
PARTS/ACCESSORIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com