Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0215 Datasheet (PDF) - Proto Advantage SMD Adapter

IPC0215 Datasheet PDF - Proto Advantage SMD Adapter
Part # IPC0215
Download  IPC0215 Download
File Size   107.2 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 4.5 x 2.5 mm body)

IPC0215 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPC0215 Datasheet PDF - Proto Advantage SMD Adapter

Part # IPC0215
Download  IPC0215 Click to download

File Size   107.2 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 4.5 x 2.5 mm body)

IPC0215 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - IPC0215

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0210 PROTOADVANTAGE-IPC0210 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0211 PROTOADVANTAGE-IPC0211 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0212 PROTOADVANTAGE-IPC0212 Datasheet
107Kb / 2P
QFN-54 to DIP-58 SMT Adapter (0.5 mm pitch, 10 x 5.5 mm body)
revision 1.0
IPC0213 PROTOADVANTAGE-IPC0213 Datasheet
107Kb / 2P
QFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
revision 1.0
IPC0214 PROTOADVANTAGE-IPC0214 Datasheet
108Kb / 2P
MLP-12/DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body, 4 center pads 2.1x1mm & 1.65x1mm)
revision 1.0
More results


Similar Description - IPC0215

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Abracon Corporation
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
logo
Tensility International...
50-00202 TENSILITY-50-00202 Datasheet
309Kb / 2P
Connector, 4C 3.5 mm jack to 4C 2.5 mm plug adapter
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
Lead-Free 6 mm 24-lead QFN Package
logo
Silicon Laboratories
SI4455 SILABS-SI4455 Datasheet
1Mb / 40P
20-Pin 3x3 mm QFN package
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
TAITIEN ELECTRONICS CO....
AT-0008-XI TAITIEN-AT-0008-XI Datasheet
235Kb / 1P
10.8 x 4.5 mm Crystal
AT-0020-XJ TAITIEN-AT-0020-XJ Datasheet
255Kb / 1P
12.5 x 4.5 mm Crystal
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Transko Electronics, In...
4ZTTCR TRANSKO-4ZTTCR Datasheet
389Kb / 1P
CERAMIC RESONATORS (4.5 X 2.0 X 1.2 mm)
Rev. 1: Jul. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com