Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSP1007 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSP1007 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSP1007
Download  FMSP1007 Download
File Size   528.57 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 7/16 F/M In/Out Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, DC Block, 500W, IP67, 40kA, Filter, Low PIM -155 dBc with Bracket

FMSP1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSP1007 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSP1007
Download  FMSP1007 Click to download

File Size   528.57 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 7/16 F/M In/Out Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, DC Block, 500W, IP67, 40kA, Filter, Low PIM -155 dBc with Bracket

FMSP1007 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSP1007 Product details

Features
• Surge current of 40kA
• Max Power 500W
• Frequency range from
• 698 MHz to 2.7 GHz
• Waterproof IP67 rated
• 7/16 DIN female connector
• to 7/16 DIN male connector
• DC Block
• Low PIM
• VSWR <1.1:1
• Low insertion loss
• CE & RoHS compliant
• Applications:
• Cellular communication systems
• Public safety systems
• Emergency response systems
• Industrial
• FMSP1007
• DATA SHEET




Similar Part No. - FMSP1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSP1000 FAIRVIEW-FMSP1000 Datasheet
530Kb / 3P
Type N F/F In/Out Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, DC Block, 500W, IP67, 40kA, Filter
REV 1.0
FMSP1003 FAIRVIEW-FMSP1003 Datasheet
529Kb / 3P
Type N F/M In/Out Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, DC Block, 500W, IP67, 40kA, Filter, Low PIM -155 dBc
REV 1.0
FMSP1004 FAIRVIEW-FMSP1004 Datasheet
544Kb / 3P
7/16 F/F In/Out Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, DC Pass, 1000W, IP67, 20kA, Filter, Low PIM -155 dBc
REV 1.0
FMSP1005 FAIRVIEW-FMSP1005 Datasheet
535Kb / 3P
7/16 F/M In/Out Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, DC Pass, 1000W, IP67, 20kA, Filter, Low PIM -155 dBc
REV 1.0
FMSP1006 FAIRVIEW-FMSP1006 Datasheet
527Kb / 3P
7/16 F/M In/Out Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, DC Block, 500W, IP67, 40kA, Filter, Low PIM -155 dBc
REV 1.0
More results


Similar Description - FMSP1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1004 PASTERNACK-PE73SP1004 Datasheet
223Kb / 3P
7/16 F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1005 PASTERNACK-PE73SP1005 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1006 PASTERNACK-PE73SP1006 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1007 PASTERNACK-PE73SP1007 Datasheet
219Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1008 PASTERNACK-PE73SP1008 Datasheet
233Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1034 PASTERNACK-PE73SP1034 Datasheet
250Kb / 3P
7/16 M/F In/Out Coax RF Surge Protector
PE73SP1037 PASTERNACK-PE73SP1037 Datasheet
249Kb / 3P
7/16 F/F In/Out Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com