Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSP1024 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSP1024 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSP1024
Download  FMSP1024 Download
File Size   531.41 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Type N F/F In/Out Bulkhead Coaxial RF Surge Protector, 10MHz - 1GHz, DC Block, 1.5kW, 20kA, Blocking Cap and Gas Tube

FMSP1024 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSP1024 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSP1024
Download  FMSP1024 Click to download

File Size   531.41 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Type N F/F In/Out Bulkhead Coaxial RF Surge Protector, 10MHz - 1GHz, DC Block, 1.5kW, 20kA, Blocking Cap and Gas Tube

FMSP1024 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSP1024 Product details

Features
• Surge current of 20kA
• Max Power 1.5kW
• Frequency range from
• 10 MHz to 1000 MHz
• N Female to N Female
• connectors
• VSWR 1.1:1
• Multi-strike capability
• CE & RoHS compliant
• Applications:
• HF, UHF and VHF radios
• Ham radios
• Remote industrial monitoring
• FMSP1024
• DATA SHEET




Similar Part No. - FMSP1024

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSP1020 FAIRVIEW-FMSP1020 Datasheet
525Kb / 3P
Type N F/F In/Out Bulkhead Coaxial RF Surge Protector, 10MHz - 1GHz, DC Block, 1.5kW, 20kA, Blocking Cap and Gas Tube
REV 1.0
FMSP1021 FAIRVIEW-FMSP1021 Datasheet
523Kb / 3P
Type N F/F In/Out Coaxial RF Surge Protector, 125MHz - 1GHz, DC Block, 375W, None, 50kA, Blocking Cap and Gas Tube
REV 1.2
FMSP1022 FAIRVIEW-FMSP1022 Datasheet
533Kb / 3P
Type N F/F In/Out Bulkhead Coaxial RF Surge Protector, 125MHz - 1GHz, DC Block, 500W, 20kA, Blocking Cap and Gas Tube
REV 1.0
FMSP1023 FAIRVIEW-FMSP1023 Datasheet
516Kb / 3P
Type N M/F In/Out Coaxial RF Surge Protector, 125MHz - 1GHz, DC Block, 375W, 20kA, Blocking Cap and Gas Tube
REV 1.0
FMSP1025 FAIRVIEW-FMSP1025 Datasheet
517Kb / 3P
Type N F/F In/Out Coaxial RF Surge Protector, 1.5MHz - 700MHz, DC Block, 2kW, 50kA, Blocking Cap and Gas Tube
REV 1.0
More results


Similar Description - FMSP1024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE73SP1000 PASTERNACK-PE73SP1000 Datasheet
216Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1003 PASTERNACK-PE73SP1003 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1004 PASTERNACK-PE73SP1004 Datasheet
223Kb / 3P
7/16 F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1033 PASTERNACK-PE73SP1033 Datasheet
258Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1035 PASTERNACK-PE73SP1035 Datasheet
252Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1048 PASTERNACK-PE73SP1048 Datasheet
213Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1050 PASTERNACK-PE73SP1050 Datasheet
215Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com