Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC02 Datasheet (PDF) - STMicroelectronics

M74HC02 Datasheet PDF - STMicroelectronics
Part # M74HC02
Download  M74HC02 Download
File Size   234.11 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT NOR GATE

M74HC02 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC02 Datasheet PDF - STMicroelectronics

Part # M74HC02
Download  M74HC02 Click to download

File Size   234.11 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT NOR GATE

M74HC02 Datasheet (HTML) - STMicroelectronics


M74HC02 Product details

DESCRIPTION
The M54/74HC02 is a high speed CMOS QUAD 2-INPUT NOR GATE fabricated in silicongateC2MOS technology. It has the same high speed performance of LSTTL combined with true CMOSlowpower consumption.
   
■ HIGH SPEED
    tPD = 6 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 1 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
    WITH 54/74LS02
   




Similar Part No. - M74HC02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC02 STMICROELECTRONICS-M74HC02 Datasheet
176Kb / 8P
QUAD 2-INPUT NOR GATE
Jul-2001
M74HC02B1R STMICROELECTRONICS-M74HC02B1R Datasheet
176Kb / 8P
QUAD 2-INPUT NOR GATE
Jul-2001
M74HC02M1R STMICROELECTRONICS-M74HC02M1R Datasheet
176Kb / 8P
QUAD 2-INPUT NOR GATE
Jul-2001
M74HC02RM13TR STMICROELECTRONICS-M74HC02RM13TR Datasheet
176Kb / 8P
QUAD 2-INPUT NOR GATE
Jul-2001
M74HC02TTR STMICROELECTRONICS-M74HC02TTR Datasheet
176Kb / 8P
QUAD 2-INPUT NOR GATE
Jul-2001
More results


Similar Description - M74HC02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com