Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSP1066 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSP1066 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSP1066
Download  FMSP1066 Download
File Size   551.31 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Quarter Wave Stub RF Surge Protector, Type N M/F, Low PIM, 800 - 2,250MHz

FMSP1066 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSP1066 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSP1066
Download  FMSP1066 Click to download

File Size   551.31 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Quarter Wave Stub RF Surge Protector, Type N M/F, Low PIM, 800 - 2,250MHz

FMSP1066 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSP1066 Product details

Features
• Broadband Performance
• from 800 to 2,250 MHz
• DC Block Topology
• Bi-directional, Repetitive
• Strike Protection
• Low PIM
• Applications:
• Cellular
• Distributed Antenna
• Systems (DAS)
• Emergency Response Systems
• Public Safety Systems
• FMSP1066
• DATA SHEET




Similar Part No. - FMSP1066

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSP1060 FAIRVIEW-FMSP1060 Datasheet
521Kb / 3P
4.3-10 M/F In/Out Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, DC Block, 500W, IP67, 40kA, Filter, Low PIM -173 dBc
REV 1.0
FMSP1061 FAIRVIEW-FMSP1061 Datasheet
626Kb / 3P
4.3-10 F/F Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, 500W, IP67, 80 V Max., 1mJ, 20kA, Filter, Low PIM -173 dBc
REV 1.0A
FMSP1062 FAIRVIEW-FMSP1062 Datasheet
624Kb / 3P
4.3-10 F/M Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, 500W, IP67, 80 V Max., 1mJ, 20kA, Filter, Low PIM -173 dBc
REV 1.0A
FMSP1063 FAIRVIEW-FMSP1063 Datasheet
566Kb / 3P
Quarter Wave Stub RF Surge Protector, Type 7/16 DIN F/F, Low PIM, 800 - 2,250MHz
REV 1.1A
FMSP1064 FAIRVIEW-FMSP1064 Datasheet
560Kb / 3P
Quarter Wave Stub RF Surge Protector, Type 7/16 DIN M/F, Low PIM, 800 - 2,250MHz
REV 1.1A
More results


Similar Description - FMSP1066

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE73SP1000 PASTERNACK-PE73SP1000 Datasheet
216Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1003 PASTERNACK-PE73SP1003 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1033 PASTERNACK-PE73SP1033 Datasheet
258Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1035 PASTERNACK-PE73SP1035 Datasheet
252Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1036 PASTERNACK-PE73SP1036 Datasheet
239Kb / 3P
Type N M/F In/Out Coax RF Surge Protector
PE73SP1048 PASTERNACK-PE73SP1048 Datasheet
213Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1050 PASTERNACK-PE73SP1050 Datasheet
215Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com