Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6025IDGKR Datasheet (PDF) - Texas Instruments

REF6025IDGKR Datasheet PDF - Texas Instruments
Part # REF6025IDGKR
Download  REF6025IDGKR Download
File Size   2344.62 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer

REF6025IDGKR Datasheet (PDF)

Go To PDF Page Download Datasheet
REF6025IDGKR Datasheet PDF - Texas Instruments

Part # REF6025IDGKR
Download  REF6025IDGKR Click to download

File Size   2344.62 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer

REF6025IDGKR Datasheet (HTML) - Texas Instruments


REF6025IDGKR Product details

1 Features
• Excellent temperature drift performance
– 5ppm/°C (maximum) from –40°C to +125°C
• Extremely low noise
– Total noise: 5μVRMS with 47μF capacitor
– 1/f noise (0.1Hz to 10Hz): 3μVPP/V
• Integrated ADC drive buffer
– Low output impedance: < 50mΩ (0kHz to 200kHz)
– First sample precise to 18 bits with ADS8881
– Enables burst-mode DAQ systems
• Low supply current: 820μA
• Low shutdown current: 1μA
• High initial accuracy: ±0.05%
• Very-low noise and distortion
– SNR: 100.5dB, THD: –125dB (ADS8881)
– SNR: 106dB, THD: –120dB (ADS127L01)
• Output current drive: ±4mA
• Programmable short-circuit current
• Verified to drive REF pin of ADS88xx family of SAR ADCs and ADS127xx family of wideband ΔΣ ADCs

2 Applications
• ATE testers and oscilloscopes
• Test and measurement equipment
• Analog input modules for PLCs
• Medical equipment
• Precision data acquisition systems




Similar Part No. - REF6025IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF6025IDGKR TI1-REF6025IDGKR Datasheet
2Mb / 37P
High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6025IDGKR TI2-REF6025IDGKR Datasheet
1Mb / 38P
REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
REVISED AUGUST 2016
REF6025IDGKR.B TI2-REF6025IDGKR.B Datasheet
1Mb / 38P
REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
REVISED AUGUST 2016
More results


Similar Description - REF6025IDGKR

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7080 NTE-NTE7080 Datasheet
20Kb / 2P
Integrated Circuit Precision Voltage Reference Diode, 1.235V
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
High Precision Voltage Reference
2/03-Data Sheet changed from REV. C to REV. D.
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Texas Instruments
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
High-Precision Voltage Reference
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
TLV4011 Precision Comparator with Integrated Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
High Precision Voltage Reference
6/12/2021
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501_V01 Datasheet
13Mb / 39P
High-Precision Buffered Voltage Reference
Revision G February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com