Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5P1103 Datasheet (PDF) - Renesas Technology Corp

5P1103 Datasheet PDF - Renesas Technology Corp
Part # 5P1103
Download  5P1103 Download
File Size   1457.78 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Fanout Buffer

5P1103 Datasheet (PDF)

Go To PDF Page Download Datasheet
5P1103 Datasheet PDF - Renesas Technology Corp

Part # 5P1103
Download  5P1103 Click to download

File Size   1457.78 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Fanout Buffer

5P1103 Datasheet (HTML) - Renesas Technology Corp


5P1103 Product details

• Up to two high performance universal differential output
pairs
• Low RMS additive phase jitter: 0.2ps
• Four banks of internal non-volatile in-system
programmable or factory programmable OTP memory
• I2C serial programming interface
• One additional LVCMOS output clock
• Two universal output pairs:
• Each configurable as one differential output pair or
two LVCMOS outputs
• I/O Standards:
• Single-ended I/Os: 1.8V to 3.3V LVCMOS
• Differential I/Os - LVPECL, LVDS and HCSL
• Input frequency ranges:
• LVCMOS Reference Clock Input (XIN/REF) – 1MHz to
200MHz
• LVDS, LVPECL, HCSL Differential Clock Input
(CLKIN, CLKINB) – 1MHz to 350MHz
• Crystal frequency range: 8MHz to 40MHz
• Individually selectable output voltage (1.8V, 2.5V, 3.3V) for
each output pair
• Redundant clock inputs with manual switchover
• Programmable crystal load capacitance
• Individual output enable/disable
• Power-down mode
• 1.8V, 2.5V or 3.3V core VDDD, VDDA
• Available in 24-pin VFQFPN 4mm x 4mm package
• -40° to +85°C industrial temperature operation




Similar Part No. - 5P1103

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P1103 IDT-5P1103 Datasheet
405Kb / 32P
Four banks of internal non-volatile in-system
logo
Renesas Technology Corp
5P1103 RENESAS-5P1103 Datasheet
1Mb / 31P
Programmable Fanout Buffer
Aug 1, 2022
More results


Similar Description - 5P1103

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC842LC4B HITTITE-HMC842LC4B Datasheet
971Kb / 8P
45 Gbps, FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
ON Semiconductor
NB3L853141 ONSEMI-NB3L853141 Datasheet
153Kb / 10P
Fanout Buffer
August, 2013 ??Rev. 1
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
High-performance fanout buffer clock and fanout buffer
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
LVPECL Fanout Buffer
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
LVPECL FANOUT BUFFER
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
LVPECL Fanout Buffer
5P1105 IDT-5P1105 Datasheet
479Kb / 32P
Programmable Fanout Buffer
logo
Renesas Technology Corp
5P1103 RENESAS-5P1103 Datasheet
1Mb / 31P
Programmable Fanout Buffer
Aug 1, 2022
5P1105 RENESAS-5P1105 Datasheet
743Kb / 32P
Programmable Fanout Buffer
Aug 1, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com