Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35462879 Datasheet (PDF) - Premier Farnell Limited.

35462879 Datasheet PDF - Premier Farnell Limited.
Part # 35462879
Download  35462879 Download
File Size   170.58 Kbytes
Page   2 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Duratool Soldering Station and Benchtop Magnifier Kit

35462879 Datasheet (PDF)

Go To PDF Page Download Datasheet
35462879 Datasheet PDF - Premier Farnell Limited.

Part # 35462879
Download  35462879 Click to download

File Size   170.58 Kbytes
Page   2 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Duratool Soldering Station and Benchtop Magnifier Kit

35462879 Datasheet (HTML) - Premier Farnell Limited.


35462879 Product details

48W Soldering Station
Features
Adjustable Soldering Station
220V AC to 240V AC 50Hz 48W Blue Colour
Hi-quality tip C1-1
Natural Mica Heater
Temperature:150°C to 480°C
BS plug

Lightcraft Magnifier
Features
48 LEDs producing 6300K shadow-free light with low heat emission
Energy efficient, only 14.5w
Quality 125mm (5") glass lens, 3 dioptres (1.75x mag.)
Slide lens sun protector cap
Includes table clamp with cone holder for extra stability

Description
A round 14.5W LED daylight lamp with glass lens & slide lens cap. Longer covered arms with sturdy joints for extra flexibility & positioning – Ideal for close-up intricate work.
Lightcraft offers a great value range of fluorescent and LED daylight magnifier lamps. The range includes table lamps, long reach & task lamps, headband magnifiers and lightboxes.
The fluorescent daylight tubes allow you to view colours accurately anytime day or night, as well as the smaller detail on
objects. The tubes provide a consistent shadow-free light source, are energy saving and have low heat emission which means that you can work for longer and in comfort. The new LED lamps will give you hours of natural energy efficient light, long reach and the option of extra magnification.
From an occasional user to professional, Lightcraft has the product to suit your needs.
The users are wide and varied, including reading, writing & study, crafting & modelling, sewing & tapestry, jewellery making, electronics and light industrial work, airbrushing, nail art & filling, stamp collecting, painting and even smaller DIY tasks. The list goes on!
All Light Craft products comply with EU quality standards.




Similar Part No. - 35462879

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
35462 ALPHAWIRE-35462 Datasheet
393Kb / 4P
20 (7/28) AWG Tinned Copper
logo
Littelfuse
354621-BL LITTELFUSE-354621-BL Datasheet
100Kb / 1P
Fuse Blocks and Clips - For 3AG Fuses
354621-BL LITTELFUSE-354621-BL Datasheet
99Kb / 1P
Fuse Blocks and Clips
logo
FIBOX Enclosing innovat...
3546256 FIBOX-3546256 Datasheet
52Kb / 1P
Set of 6 cross head screws
31.07.2023
More results


Similar Description - 35462879

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
WD1001 ETC2-WD1001 Datasheet
44Kb / 1P
Digital 85W Soldering Station, 120 V
D01501 ETC2-D01501 Datasheet
25Kb / 1P
Duratool Spacers
PES51 ETC2-PES51 Datasheet
95Kb / 1P
50 watt Soldering Pencil for WES51 Soldering Station
D00669 ETC2-D00669 Datasheet
28Kb / 2P
Temperature Controlled Soldering Station
WESD51 ETC1-WESD51 Datasheet
114Kb / 1P
Digital Soldering Station; Power Unit, Soldering Pencil, Stand, Sponge
logo
Aven, Inc.
17501 AVEN-17501 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 6pc
17502 AVEN-17502 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 7pc
logo
SparkFun Electronics
TOL-09316 SPARKFUN-TOL-09316 Datasheet
79Kb / 1P
Monocle Magnifier - Illuminated
5??5??7
logo
Kendall Howard
5200-3-001-00 KENDALLHOWARD-5200-3-001-00 Datasheet
696Kb / 2P
LAN Station Caster Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com