Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D02130 Datasheet (PDF) - Premier Farnell Limited.

D02130 Datasheet PDF - Premier Farnell Limited.
Part # D02130
Download  D02130 Download
File Size   156.51 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Magnetic Glove / Tissue Dispenser

D02130 Datasheet (PDF)

Go To PDF Page Download Datasheet
D02130 Datasheet PDF - Premier Farnell Limited.

Part # D02130
Download  D02130 Click to download

File Size   156.51 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Magnetic Glove / Tissue Dispenser

D02130 Datasheet (HTML) - Premier Farnell Limited.


D02130 Product details

Features
A3 Steel, power coat finish.
Perfect for most standard size boxes of disposable gloves or tissues
Conveniently attaches to any metal surface
Four magnets hold dispenser in place
Weight capacity: 8 lb
Dimensions: (H×W×D) 143mm × 253mm × 95mm




Similar Part No. - D02130

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D02131 DURATOOL-D02131 Datasheet
173Kb / 1P
Magnetic Hooks 2 Piece
01/09/14 V1.0
D02132 DURATOOL-D02132 Datasheet
173Kb / 1P
Magnetic Hooks 2 Piece
01/09/14 V1.0
D02133 DURATOOL-D02133 Datasheet
173Kb / 1P
Magnetic Hooks 2 Piece
01/09/14 V1.0
More results


Similar Description - D02130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U840A ETC2-U840A Datasheet
57Kb / 1P
TOILET TISSUE DISPENSER
68121 ETC2-68121 Datasheet
531Kb / 1P
ESD Inspection Glove
logo
Linkage Goston Electron...
LNK6932P LINKAGE-LNK6932P Datasheet
2Mb / 7P
Non-IsolatIon DIspenser LED
LNK6935D LINKAGE-LNK6935D Datasheet
2Mb / 7P
Non-IsolatIon DIspenser LED
SM7381P LINKAGE-SM7381P Datasheet
2Mb / 8P
Non-IsolatIon DIspenser LED
SM73822P LINKAGE-SM73822P Datasheet
1Mb / 8P
Non-IsolatIon DIspenser LED
logo
3M Electronics
9448A 3M-9448A Datasheet
82Kb / 4P
Double Coated Tissue Tape
Jan-2009
logo
PHOENIX CONTACT
1014401 PHOENIX-1014401 Datasheet
41Kb / 2P
Label dispenser - THERMOMARK ROLL X1 -DISPENSER
logo
SparkFun Electronics
SEN-14666 SPARKFUN-SEN-14666 Datasheet
465Kb / 3P
SparkFun Qwiic Flex Glove Controller
7??5??8
logo
List of Unclassifed Man...
SL101N ETC-SL101N Datasheet
503Kb / 1P
Digital Dispenser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com