Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3601 Datasheet (PDF) - Advanced Analogic Technologies

AAT3601 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3601
Download  AAT3601 Download
File Size   1046.05 Kbytes
Page   37 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Total Power Solution for Portable Applications

AAT3601 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3601 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3601
Download  AAT3601 Click to download

File Size   1046.05 Kbytes
Page   37 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Total Power Solution for Portable Applications

AAT3601 Datasheet (HTML) - Advanced Analogic Technologies


AAT3601 Product details

General Description
The AAT3601 is a member of AnalogicTech’s Total Power Management ICTM (TPMICTM) product family. It contains a single-cell Lithium Ion/Polymer battery charger, a fully integrated step-down converter and 5 low dropout (LDO) regulators. The device also includes 2 load switches for dynamic power path/sleep mode operation, making it ideal for small portable short-range communications enabled mobile devices and telephones.

Features
• Voltage Regulator VIN Range: 4.5V to 6V
• Complete Power Integration
    ▪ Integrated Load Switches to Power Converters from AC Adapter or Battery Automatically
• Low Standby Current
    ▪ 200μA (typ) w/LDO1, LDO2 and LDO5 Active, No Load
• One Step-Down Buck Converter (NP)
    ▪ 1.24V, 300mA Output
    ▪ 1.5MHz Switching Frequency
    ▪ Fast Turn-On Time (120μs typ)
• Five LDOs Programmable by I2C
    ▪ LDO1: 3.4V, 150mA (PE)
    ▪ LDO2: 3.4V, 300mA (NP)
    ▪ LDO3: 1.24V, 300mA (PE)
    ▪ LDO4: 1.85V, 300mA (NP)
    ▪ LDO5: 1.85V, 300mA (PE)
    ▪ PSRR: 60dB @10kHz
    ▪ Noise: 50μVrms
• One Battery Charger
    ▪ Digitized Thermal Regulation
    ▪ Charge Current Programming up to 1.4A
    ▪ Charge Current Termination Programming
    ▪ Automatic Trickle Charge for Battery Preconditioning (2.8V Cutoff)
• Watchdog (WDI) Timer Input
    ▪ Two Reset (RSTIN, RSTLPW) Timer Outputs
• Separate Enable Pins for PE and NP Supplies
• Digital Programming of Major Parameters via I2C
• Over-Current Protection
• Over-Temperature Protection
• 5x5mm TQFN55-36 Package

Applications
• Digital Cameras
• GSM or CDMA Cellular Phones
• Handheld Instruments
• PDAs and Handheld Computers
• Portable Media Players
• Short-Range Communication Headsets




Similar Part No. - AAT3601

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3601 ANALOGICTECH-AAT3601 Datasheet
987Kb / 37P
Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT3601 SKYWORKS-AAT3601 Datasheet
3Mb / 37P
Total Power Solution for Portable Applications
March 20, 2013
logo
Advanced Analogic Techn...
AAT3601IIH-T1 ANALOGICTECH-AAT3601IIH-T1 Datasheet
987Kb / 37P
Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT3601IIH-T1 SKYWORKS-AAT3601IIH-T1 Datasheet
3Mb / 37P
Total Power Solution for Portable Applications
March 20, 2013
logo
Advanced Analogic Techn...
AAT3601 ANALOGICTECH-AAT3601_08 Datasheet
987Kb / 37P
Total Power Solution for Portable Applications
More results


Similar Description - AAT3601

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
Total Power Solution for Portable Applications
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603 Datasheet
4Mb / 26P
Total Power Solution for Portable Applications
AAT3601 ANALOGICTECH-AAT3601_08 Datasheet
987Kb / 37P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
Total Power Solution for Portable Applications
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com