Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7538-MPX Datasheet (PDF) - CBC Group. CBC AMERICA LLC.

M7538-MPX Datasheet PDF - CBC Group. CBC AMERICA LLC.
Part # M7538-MPX
Download  M7538-MPX Download
File Size   205.04 Kbytes
Page   1 Pages
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.
Description f=75mm F3.8 for 2/3 Type 16 Megapixel cameras, Fixed-focal C‐Mount

M7538-MPX Datasheet (PDF)

Go To PDF Page Download Datasheet
M7538-MPX Datasheet PDF - CBC Group. CBC AMERICA LLC.

Part # M7538-MPX
Download  M7538-MPX Click to download

File Size   205.04 Kbytes
Page   1 Pages
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.
Description f=75mm F3.8 for 2/3 Type 16 Megapixel cameras, Fixed-focal C‐Mount

M7538-MPX Datasheet (HTML) - CBC Group. CBC AMERICA LLC.




Similar Part No. - M7538-MPX

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M7538-MPX COMPUTAR-M7538-MPX Datasheet
1Mb / 2P
THE NEW STANDARD IN HIGH-RESOLUTION MACHINE VISION LENSES
05.26
More results


Similar Description - M7538-MPX

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9T031 MICRON-MT9T031 Datasheet
446Kb / 2P
3-Megapixel CMOS Digital Image Sensor for Wide FOV and Electronic Pan/Tilt Cameras
logo
Level One
CAS-1300 LVL1-CAS-1300 Datasheet
221Kb / 3P
Megapixel 1/3??CCD high-definition (HD) resolution 2.8 ~ 8.5 mm adjustable Vari-focal length for wide angle surveillance
CAS-1400 LVL1-CAS-1400 Datasheet
286Kb / 3P
2-Megapixel (1600 x 1200) high-definition resolution 2.8 ~ 12 mm adjustable Vari-focal length for wide angle surveillance
FCS-0032 LVL1-FCS-0032 Datasheet
516Kb / 3P
Fixed Network Camera, 3-Megapixel, PoE 802.3af
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
3~8mm Vari-Focal Lens
FCS-1131 LVL1-FCS-1131_18 Datasheet
416Kb / 5P
Fixed IP Network Camera, 2-Megapixel, 802.3af PoE
logo
Molex Electronics Ltd.
2153451121 MOLEX-2153451121 Datasheet
88Kb / 1P
Squba 3.6 F-F 75mm 16 AWG leads BK Sn
2021/05/31
2153461121 MOLEX-2153461121 Datasheet
84Kb / 1P
Squba 3.6 F-S 75mm 16 AWG leads BK Sn
2021/05/31
2153462121 MOLEX-2153462121 Datasheet
84Kb / 1P
Squba 3.6 F-S 75mm 16 AWG leads RD Sn
2021/05/31
2175101121 MOLEX-2175101121 Datasheet
86Kb / 1P
LINK250 F-F 75MM 22 AWG LEADS BK Sn
2021/05/24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com