Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS72301DBVR Datasheet (PDF) - Texas Instruments

TPS72301DBVR Datasheet PDF - Texas Instruments
Part # TPS72301DBVR
Download  TPS72301DBVR Download
File Size   3528.17 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS723 200-mA, Low-Noise, High-PSRR, Negative Output Low-Dropout Linear Regulators

TPS72301DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS72301DBVR Datasheet PDF - Texas Instruments

Part # TPS72301DBVR
Download  TPS72301DBVR Click to download

File Size   3528.17 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS723 200-mA, Low-Noise, High-PSRR, Negative Output Low-Dropout Linear Regulators

TPS72301DBVR Datasheet (HTML) - Texas Instruments


TPS72301DBVR Product details

1 Features
• Input voltage range: –2.7V to –10V (–11V abs. max)
• Available in –2.5V (fixed) and –1.186V to –10V (adjustable) versions
• VOUT accuracy (across line, load and temperature):
– ±1.6% for new chip
– ±3.0% for legacy chip
• Output current: Up to 200mA
• Ultra-low noise: 60μVRMS (typ) with 10nF NR cap
• Low IQ (new chip): 30μA at ILOAD = 0mA
• High PSRR: 65dB (typ) at 1kHz, 40dB (typ) at 100kHz
• Low dropout voltage:
– 140mV (typ) at 200mA, –2.5V (new chip)
– 280mV (typ) at 200mA, –2.5V (legacy chip)
• Stable with a 2.2μF ceramic output capacitor
• Less than 2μA (max) quiescent current in shutdown mode
• Thermal and overcurrent protection
• Operating junction temperature: –40°C to +125°C
• Packages:
– New chip:
• 5-pin SOT-23 (DBV) [RθJA: 153.7°C/W]
– Legacy chip:
• 5-pin SOT-23 (DBV) [RθJA: 206.9°C/W]
• 5-pin SOT-23-THIN (DDC) [RθJA: 194.8°C/W]
• 6-pin WSON (DRV) [RθJA: 85.6°C/W]




Similar Part No. - TPS72301DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301DBVR TI-TPS72301DBVR Datasheet
192Kb / 10P
200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301DBVR TI1-TPS72301DBVR Datasheet
1Mb / 25P
200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301DBVR TI1-TPS72301DBVR Datasheet
1Mb / 25P
TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301DBVRG4 TI1-TPS72301DBVRG4 Datasheet
1Mb / 25P
200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301DBVRG4 TI1-TPS72301DBVRG4 Datasheet
1Mb / 25P
TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results


Similar Description - TPS72301DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301-Q1 TI1-TPS72301-Q1_16 Datasheet
1Mb / 16P
200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com