Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS731 Datasheet (PDF) - Texas Instruments

TPS731 Datasheet PDF - Texas Instruments
Part # TPS731
Download  TPS731 Download
File Size   1796.21 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS731 Capacitor-Free, NMOS, 150mA, Low-Dropout Regulator With Reverse Current Protection

TPS731 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS731 Datasheet PDF - Texas Instruments

Part # TPS731
Download  TPS731 Click to download

File Size   1796.21 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS731 Capacitor-Free, NMOS, 150mA, Low-Dropout Regulator With Reverse Current Protection

TPS731 Datasheet (HTML) - Texas Instruments


TPS731 Product details

1 Features
• Stable with or without capacitors of all types
• Input voltage range of 1.7V to 5.5V
• Ultra-low dropout voltage: 30mV typical (150mA load)
• Excellent load transient response—with or without optional output capacitor
• New NMOS topology provides low reverse leakage current
• Low noise: 30μVRMS typical (10kHz to 100kHz)
• 0.5% initial accuracy
• 1% overall accuracy over line, load, and temperature
• Less than 1μA maximum IQ in shutdown mode
• Thermal shutdown and specified minimum and maximum current-limit protection
• Available in multiple output voltage versions:
– Fixed outputs: 1.20V to 5V
– Adjustable outputs: 1.2V to 5.5V
– Custom outputs available




Similar Part No. - TPS731

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS731 TI-TPS731 Datasheet
907Kb / 24P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI1-TPS731 Datasheet
1Mb / 30P
Low Dropout Regulator
TPS731 TI1-TPS731 Datasheet
766Kb / 30P
TPS731xx Capacitor-Free, NMOS, 150-mA Low Dropout Regulator With Reverse Current Protection
DECEMBER 2015
TPS731 TI2-TPS731 Datasheet
770Kb / 30P
TPS731xx Capacitor-Free, NMOS, 150-mA Low Dropout Regulator With Reverse Current Protection
REVISED DECEMBER 2015
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Similar Description - TPS731

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731XX TI-TPS731XX Datasheet
300Kb / 18P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com