Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP250 Datasheet (PDF) - Analog Devices

OP250 Datasheet PDF - Analog Devices
Part # OP250
Download  OP250 Download
File Size   65.95 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier

OP250 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP250 Datasheet PDF - Analog Devices

Part # OP250
Download  OP250 Click to download

File Size   65.95 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier

OP250 Datasheet (HTML) - Analog Devices


OP250 Product details

GENERAL DESCRIPTION
The OP150, OP250 and OP450 are single, dual and quad CMOS single-supply, 4 MHz bandwidth amplifiers featuring rail-to-rail inputs and outputs. All are guaranteed to operate from a 3 volt single supply as well as a +5 volt supply. The OP150 family of amplifiers have very low input bias currents. The outputs are capable of driving 250 mA loads and are stable with capacitive loads as high as 500 pF. Applications for these amplifiers include portable medical equipment, safety and security, and interface for transducers with high output impedances.
Supply current is only 600 µA per amplifier.


FEATURES
   Single-Supply Operation: 2.7 V to 6 V
   High Output Current: 6250 mA
   Low Supply Current: 600 mA/Amp
   Wide Bandwidth: 4 MHz
   Slew Rate: 6.5 V/ms
   No Phase Reversal
   Low Input Currents
   Unity Gain Stable

APPLICATIONS
   Battery Powered Instrumentation
   Multi Media Audio
   Medical
   Remote Sensors
   ASIC Input or Output Amplifier
   Automotive
   Headphone Driver




Similar Part No. - OP250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
logo
OPTEK Technologies
OP250 OPTEK-OP250 Datasheet
254Kb / 3P
Infrared Light Emitting Diode
logo
TT Electronics.
OP250 TTELEC-OP250 Datasheet
248Kb / 3P
Infrared Light Emitting Diode in Miniature SMD Package
logo
Texas Instruments
OP250G4 TI-OP250G4 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Analog Devices
OP250GRU AD-OP250GRU Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
More results


Similar Description - OP250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8629 AD-AD8629 Datasheet
476Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
10/04-Data Sheet Changed from Rev. B to Rev. C
AD8628 AD-AD8628_05 Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
logo
Analog Devices
AD8628 AD-AD8628 Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
logo
New Japan Radio
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
Rail-to-Rail Input/Output Single Operational Amplifier
logo
Analog Devices
OP250 AD-OP250_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP450 AD-OP450_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com