Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL-128 Datasheet (PDF) - Premier Farnell Limited.

GPL-128 Datasheet PDF - Premier Farnell Limited.
Part # GPL-128
Download  GPL-128 Download
File Size   124.07 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 5” Electrical Precision Cutter

GPL-128 Datasheet (PDF)

Go To PDF Page Download Datasheet
GPL-128 Datasheet PDF - Premier Farnell Limited.

Part # GPL-128
Download  GPL-128 Click to download

File Size   124.07 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 5” Electrical Precision Cutter

GPL-128 Datasheet (HTML) - Premier Farnell Limited.


GPL-128 Product details

Features
•5” (130mm) Electrical precision cutter for wire up to 0.9mm




Similar Part No. - GPL-128

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
GPL-1200M16V1012 YSTONE-GPL-1200M16V1012 Datasheet
492Kb / 2P
Compliant to the RoHS directive
GPL-120M50V0812 YSTONE-GPL-120M50V0812 Datasheet
492Kb / 2P
Compliant to the RoHS directive
GPL-120M50V1012 YSTONE-GPL-120M50V1012 Datasheet
492Kb / 2P
Compliant to the RoHS directive
GPL-12M160V1012 YSTONE-GPL-12M160V1012 Datasheet
492Kb / 2P
Compliant to the RoHS directive
More results


Similar Description - GPL-128

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
logo
PHOENIX CONTACT
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212793 PHOENIX-1212793 Datasheet
43Kb / 2P
Front cutter - MICROFOX-E_DB
1212805 PHOENIX-1212805 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SB_DB
1212806 PHOENIX-1212806 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SP_DB
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
ATS-638170100 MOLEX-ATS-638170100 Datasheet
188Kb / 2P
Ribbon Cable Cutter Tool
08-24-09
ATS-638170200 MOLEX-ATS-638170200 Datasheet
171Kb / 2P
Cable Cutter Tool
09-23-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com