Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54SC2T74-SEP Datasheet (PDF) - Texas Instruments

SN54SC2T74-SEP Datasheet PDF - Texas Instruments
Part # SN54SC2T74-SEP
Download  SN54SC2T74-SEP Download
File Size   1159.76 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation

SN54SC2T74-SEP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54SC2T74-SEP Datasheet PDF - Texas Instruments

Part # SN54SC2T74-SEP
Download  SN54SC2T74-SEP Click to download

File Size   1159.76 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation

SN54SC2T74-SEP Datasheet (HTML) - Texas Instruments


SN54SC2T74-SEP Product details

1 Features
• Vendor item drawing available, VID V62/23632-01XE
• Total ionizing dose characterized at 30 krad (Si)
– Total ionizing dose radiation lot acceptance testing (TID RLAT) for every wafer lot to 30 krad (Si)
• Single-event effects (SEE) characterized:
– Single event latch-up (SEL) immune to linear energy transfer (LET) = 43 MeV-cm2 /mg
– Single event transient (SET) characterized to 43 MeV-cm2 /mg
• Wide operating range of 1.2 V to 5.5 V
• Single-supply translating gates at 5/3.3/2.5/1.8/1.2 V VCC
– TTL compatible inputs:
• Up translation:
– 1.8-V – Inputs from 1.2 V
– 2.5-V – Inputs from 1.8 V
– 3.3-V – Inputs from 1.8 V, 2.5 V
– 5.0-V – Inputs from 2.5 V, 3.3 V
• Down translation:
– 1.2-V – Inputs from 1.8 V, 2.5 V, 3.3 V, 5.0 V
– 1.8-V – Inputs from 2.5 V, 3.3 V, 5.0 V
– 2.5-V – Inputs from 3.3 V, 5.0 V
– 3.3-V – Inputs from 5.0 V
• 5.5 V tolerant input pins
• Output drive up to 25 mA AT 5-V
• Latch-up performance exceeds 250 mA per
JESD 17
• Space enhanced plastic (SEP)
– Controlled baseline
– Gold bondwire
– NiPdAu lead finish
– One assembly and test site
– One fabrication site
– Military (–55°C to 125°C) temperature range
– Extended product life cycle
– Product traceability
– Meets NASAs ASTM E595 outgassing specification




Similar Part No. - SN54SC2T74-SEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54SC2T74-SEP TI-SN54SC2T74-SEP Datasheet
1,012Kb / 24P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC2T74-SEP TI1-SN54SC2T74-SEP Datasheet
1Mb / 28P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC2T74-SEP TI1-SN54SC2T74-SEP Datasheet
1Mb / 28P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC2T74-SEP TI1-SN54SC2T74-SEP Datasheet
1Mb / 28P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC2T74-SEP TI-SN54SC2T74-SEP Datasheet
1Mb / 30P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
More results


Similar Description - SN54SC2T74-SEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV2T74-Q1 TI-SN74LV2T74-Q1 Datasheet
1Mb / 30P
SN74LV2T74-Q1 Automotive Dual D-Type Flip-Flop With Integrated Translation
MAY 2023
SN74LV2T74 TI-SN74LV2T74 Datasheet
1Mb / 30P
SN74LV2T74 Dual D-Type Flip-Flop With Integrated Translation
MAY 2023
SN54SC2T74-SEP TI-SN54SC2T74-SEP Datasheet
1,012Kb / 24P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC4T00-SEP TI-SN54SC4T00-SEP Datasheet
945Kb / 20P
SN54SC4T00-SEP Radiation Tolerant, Quadruple 2-Input Positive-NAND Gates With Integrated Translation
NOVEMBER 2023
SN54SC4T32-SEP TI-SN54SC4T32-SEP Datasheet
1Mb / 20P
SN54SC4T32-SEP Radiation Tolerant, Quadruple 2-Input Positive-OR Gates With Integrated Translation
NOVEMBER 2023
SN74LV2T74-EP TI-SN74LV2T74-EP Datasheet
997Kb / 21P
SN74LV2T74-EP Enhanced Product, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC2T74-SEP TI1-SN54SC2T74-SEP_V01 Datasheet
1Mb / 28P
SN54SC2T74-SEP Radiation Tolerant, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN54SC4T00-SEP TI1-SN54SC4T00-SEP_V01 Datasheet
997Kb / 24P
SN54SC4T00-SEP Radiation Tolerant, Quadruple 2-Input Positive-NAND Gates With Integrated Translation
NOVEMBER 2023
SN54SC4T32-SEP TI1-SN54SC4T32-SEP_V01 Datasheet
1Mb / 24P
SN54SC4T32-SEP Radiation Tolerant, Quadruple 2-Input Positive-OR Gates With Integrated Translation
NOVEMBER 2023
SN74LV2T74-EP TI1-SN74LV2T74-EP_V01 Datasheet
1Mb / 25P
SN74LV2T74-EP Enhanced Product, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com