Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4841 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW4841 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW4841
Download  NJW4841 Download
File Size   213.98 Kbytes
Page   8 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1-channel Switching Gate Driver

NJW4841 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4841 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW4841
Download  NJW4841 Click to download

File Size   213.98 Kbytes
Page   8 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1-channel Switching Gate Driver

NJW4841 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW4841 Product details

FEATURES
Output Peak Current 2A (peak)
Operating Voltage Range 4V to 20V
High Speed Switching tr/tf=25ns/20ns(typ.) at CL=2200pF
Corresponding with Logic Voltage Operation 3V/5V
Built-in Thermal Shut Down
Under Voltage Lockout
Package MSOP8 (VSP8)*
* MEET JEDEC MO-187-DA




Similar Part No. - NJW4841

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4841 NJRC-NJW4841 Datasheet
128Kb / 7P
1-channel Switching Gate Driver
More results


Similar Description - NJW4841

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4441 LINER-LTC4441 Datasheet
154Kb / 12P
N-Channel MOSFET Gate Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
1 channel High-Side N channel Power MOSFET Gate Driver
logo
New Japan Radio
NJW4840 NJRC-NJW4840 Datasheet
127Kb / 7P
High Speed Switching Gate Driver
NJW4841 NJRC-NJW4841 Datasheet
128Kb / 7P
1-channel Switching Gate Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
1 channel High-Side N channel Power MOSFET Gate Driver
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117 Datasheet
640Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev 1
logo
STMicroelectronics
PM8841 STMICROELECTRONICS-PM8841 Datasheet
449Kb / 13P
1 A low-side gate driver
October 2014 Rev 1
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117_V01 Datasheet
602Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com