Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC138 Datasheet (PDF) - STMicroelectronics

M74HC138 Datasheet PDF - STMicroelectronics
Part # M74HC138
Download  M74HC138 Download
File Size   242.32 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 TO 8 LINE DECODER INVERTING

M74HC138 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC138 Datasheet PDF - STMicroelectronics

Part # M74HC138
Download  M74HC138 Click to download

File Size   242.32 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 TO 8 LINE DECODER INVERTING

M74HC138 Datasheet (HTML) - STMicroelectronics


M74HC138 Product details

DESCRIPTION
The M54/74HC138 is a high speed CMOS 3 TO 8 LINE DECODER fabricated in silicon gate C2MOS technology.
   
■ HIGH SPEED
    tPD = 16 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA AT TA = 25 °C
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
    WITH 54/74LS138
   




Similar Part No. - M74HC138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
M74HC138B1R STMICROELECTRONICS-M74HC138B1R Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
M74HC138M1R STMICROELECTRONICS-M74HC138M1R Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
M74HC138RM13TR STMICROELECTRONICS-M74HC138RM13TR Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
M74HC138TTR STMICROELECTRONICS-M74HC138TTR Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
More results


Similar Description - M74HC138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
3 TO 8 LINE DECODER INVERTING
Jun-1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
3 TO 8 LINE DECODER INVERTING
Feb-1993
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Apr-2001
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
29-Jul-2004
74VHC138 STMICROELECTRONICS-74VHC138_04 Datasheet
319Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
12-Nov-2004
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
16-Dec-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com