Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC147 Datasheet (PDF) - STMicroelectronics

M74HC147 Datasheet PDF - STMicroelectronics
Part # M74HC147
Download  M74HC147 Download
File Size   241.83 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 TO 4 LINE PRIORITY ENCODER

M74HC147 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC147 Datasheet PDF - STMicroelectronics

Part # M74HC147
Download  M74HC147 Click to download

File Size   241.83 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 TO 4 LINE PRIORITY ENCODER

M74HC147 Datasheet (HTML) - STMicroelectronics


M74HC147 Product details

DESCRIPTION
The M54/74HC147 is a high speed CMOS 10 TO 4 LINE PRIORITY ENCODER fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption.
This device features priority encoding of the inputs to ensure that only the highest order data line is encoded. Nine input lines are encoded to a four line BCD output. The implied decimal zero condition requires no input condition as zero is encoded when all nine datalinesare athigh logic level. Alldata input and outputs are active at the low logic level. All in puts are equipped with protection circuits against static discharge and transient excess voltage.

■ HIGH SPEED
   tPD = 15 ns (TYP.) at VCC = 5 V
■ LOW POWER DISSIPATION
   ICC = 4 µA (MAX.) at TA = 25 °C
■ HIGH NOISE IMMUNITY
   VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
IOH = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
   tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
   VCC (OPR) = 2 V to 6 V
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS147




Similar Part No. - M74HC147

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14 Datasheet
233Kb / 9P
HEX SCHMITT INVERTER
Dec-1992
M74HC14 STMICROELECTRONICS-M74HC14 Datasheet
173Kb / 8P
HEX SCHMITT INVERTER
Jul-2001
M74HC14 STMICROELECTRONICS-M74HC14 Datasheet
320Kb / 14P
Hex Schmitt inverter
23-May-2008
M74HC14 STMICROELECTRONICS-M74HC14 Datasheet
723Kb / 15P
Hex Schmitt inverter
17-Feb-2016
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
252Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Oct-1992
More results


Similar Description - M74HC147

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
10-to-4 line priority encoder
2003 Oct 30
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
10 TO 4 LINE BCD PRIORITY ENCODER
Apr-1991
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
10-to-4-line Priority Encoder
logo
Intersil Corporation
ACS147MS INTERSIL-ACS147MS Datasheet
39Kb / 2P
Radiation Hardened 10-to-4 Line Priority Encoder
July 1999
CD40147BMS INTERSIL-CD40147BMS Datasheet
81Kb / 8P
10 Line to 4 Line BCD Priority Encoder
December 1992
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
10-to-4 Line Priority Encoder
logo
NXP Semiconductors
74HC147N PHILIPS-74HC147N Datasheet
43Kb / 7P
10-TO-4 LINE PRIORITY ENCODER
December 1990
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
10-to-4 Line Priority Encoder
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
10-to-4-line Priority Encoder
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com