Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2611 Datasheet (PDF) - Texas Instruments

AM2611 Datasheet PDF - Texas Instruments
Part # AM2611
Download  AM2611 Download
File Size   7387.14 Kbytes
Page   218 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM261x Sitara™ Microcontrollers

AM2611 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2611 Datasheet PDF - Texas Instruments

Part # AM2611
Download  AM2611 Click to download

File Size   7387.14 Kbytes
Page   218 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM261x Sitara™ Microcontrollers

AM2611 Datasheet (HTML) - Texas Instruments


AM2611 Product details

1 Features
Processor Cores:
• Single and Dual Arm® Cortex® R5F CPU with each core running up to 500MHz
– 16KB I-Cache with 64-bit ECC per CPU core
– 16KB D-cache with 32-bit ECC per CPU core
– 256KB Tightly Coupled Memory (TCM) with 32-bit ECC per core
– Lockstep or Dual-core operation supported
• Trigonometric Math Unit (TMU) for accelerating trigonometric functions
– Up to 2x, one per R5F MCU core Memory:
• 1.5MB of On-Chip Shared RAM (OCSRAM):
– 3 banks × 512KB
– ECC error protection for full 1.5MB OCSRAM
– Remote L2 Cache (RL2) for external memory, software programmable up to 256KB per CPU core
• 2x Octal Serial Peripheral Interface (OSPI) up to 133MHz SDR and DDR
– 1x with eXecute In Place (XIP) support
– RAM expansion/Flash over the Air (FOTA)
• General-Purpose Memory Controller (GPMC)
– 16-bit parallel data bus with 22-bit address bus and 4 chip selects
– Up to 4MB addressable memory space
– Integrated Error Location Module (ELM) support for error checking System on Chip (SoC) Services and Architecture:
• 1x EDMA to support data movement functions
• Device Boot supported from the following interfaces:
– UART (Primary/Backup)
– OSPI NOR and NAND Flash (50MHz SDR and 25MHz DDR) (Primary)
– USB Peripheral boot
• Interprocessor communication modules
– SPINLOCK module for synchronizing processes running on multiple cores
– MAILBOX functionality implemented through CTRLMMR registers
• Central Platform Time Sync (CPTS) support with time-sync and compare-event interrupt routers
• Timer Modules:
– 2x Windowed Watchdog Timer (WWDT)
– 4x Real Time Interrupt (RTI) timer




Similar Part No. - AM2611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2611 TI2-AM2611 Datasheet
6Mb / 214P
AM261x Sitara™ Microcontrollers
REVISED JULY 2025
AM2611 TI2-AM2611 Datasheet
6Mb / 214P
AM261x Sitara™ Microcontrollers
REVISED JULY 2025
AM2611 TI2-AM2611 Datasheet
7Mb / 218P
AM261x Sitara™ Microcontrollers
REVISED JULY 2025
AM2611 TI2-AM2611 Datasheet
7Mb / 218P
AM261x Sitara™ Microcontrollers
REVISED JULY 2025
AM2611-Q1 TI2-AM2611-Q1 Datasheet
6Mb / 214P
AM261x Sitara™ Microcontrollers
REVISED JULY 2025
More results


Similar Description - AM2611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2434 TI-AM2434 Datasheet
6Mb / 316P
AM243x Sitara??Microcontrollers
AM2732 TI-AM2732 Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2634 TI-AM2634 Datasheet
3Mb / 140P
AM263x Sitara??Microcontrollers
MARCH 2022
AM2434 TI-AM2434_V01 Datasheet
5Mb / 242P
AM243x Sitara??Microcontrollers
MARCH 2022
AM2732 TI-AM2732_V01 Datasheet
6Mb / 97P
AM273x Sitara??Microcontrollers
FEBRUARY 2022
AM2434 TI-AM2434_V02 Datasheet
6Mb / 280P
AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2434 TI-AM2434_V03 Datasheet
6Mb / 282P
AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM2634 TI-AM2634_V01 Datasheet
3Mb / 164P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM2634 TI-AM2634_V02 Datasheet
2Mb / 167P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM263P4 TI-AM263P4 Datasheet
2Mb / 154P
AM263Px Sitara™ Microcontrollers
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com