Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA752 Datasheet (PDF) - Texas Instruments

DRA752 Datasheet PDF - Texas Instruments
Part # DRA752
Download  DRA752 Download
File Size   7340.52 Kbytes
Page   443 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0

DRA752 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRA752 Datasheet PDF - Texas Instruments

Part # DRA752
Download  DRA752 Click to download

File Size   7340.52 Kbytes
Page   443 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0

DRA752 Datasheet (HTML) - Texas Instruments


DRA752 Product details

1.1 Features 1
• Architecture designed for infotainment applications
• Video, image, and graphics processing support
– Full-HD video (1920 × 1080p, 60 fps)
– Multiple video input and video output
– 2D and 3D graphics
• Dual Arm® Cortex®-A15 microprocessor subsystem
• Up to two C66x floating-point VLIW DSP
– Fully object-code compatible with C67x and C64x+
– Up to thirty-two 16 x 16-Bit fixed-point multiplies per cycle
• Up to 2.5MB of on-chip L3 RAM
• Level 3 (L3) and level 4 (L4) interconnects
• Two DDR2/DDR3/DDR3L memory interface (EMIF) modules
– Supports up to DDR2-800 and DDR3-1066
– Up to 2GB supported per EMIF
• Dual Arm® Cortex®-M4 Image Processing Units (IPU)
• Up to two Embedded Vision Engines (EVEs)
• IVA subsystem
• Display subsystem
– Display controller with DMA engine and up to three pipelines
– HDMI™ encoder: HDMI 1.4a and DVI 1.0 compliant
• Video Processing Engine (VPE)
• 2D-graphics accelerator (BB2D) subsystem
– Vivante® GC320 core
• Dual-core PowerVR® SGX544 3D GPU
• Three Video Input Port (VIP) modules
– Support for up to 10 multiplexed input ports
• General-Purpose Memory Controller (GPMC)
• Enhanced Direct Memory Access (EDMA) controller
• 2-port gigabit ethernet (GMAC)
• Sixteen 32-Bit general-purpose timers
• 32-Bit MPU watchdog timer
• Five Inter-Integrated Circuit ( I2C™) ports
• HDQ™/ 1-Wire® interface
• SATA interface
• MediaLB® (MLB) subsystem
• Ten configurable UART/IrDA/CIR modules
• Four Multichannel Serial Peripheral Interfaces (McSPI)
• Quad SPI (QSPI)
• Eight Multichannel Audio Serial Port (McASP) modules
• SuperSpeed USB 3.0 dual-role device
• Three high-speed USB 2.0 dual-role devices
• Four Multimedia Card/Secure Digital/Secure Digital Input Output interfaces ( MMC™/ SD®/SDIO)
• PCI-Express® 3.0 subsystems with two 5-Gbps lanes
– One 2-lane gen2-compliant port
– or Two 1-lane gen2-compliant ports
• Dual Controller Area Network (DCAN) modules
– CAN 2.0B protocol
• Up to 247 General-Purpose I/O (GPIO) pins
• Real-Time Clock SubSystem (RTCSS)
• Device security features
– Hardware crypto accelerators and DMA
– Firewalls
– JTAG® lock
– Secure keys
– Secure ROM and boot
• Power, Reset, and Clock Management (PRCM)
• On-chip debug with CTools technology
• 28-nm CMOS technology
• 23 mm × 23 mm, 0.8-mm pitch, 760-pin BGA (ABC)




Similar Part No. - DRA752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA752 TI1-DRA752 Datasheet
7Mb / 443P
DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
DRA752BPGABCQ1 TI1-DRA752BPGABCQ1 Datasheet
7Mb / 443P
DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
DRA752BPGABCRQ1 TI1-DRA752BPGABCRQ1 Datasheet
7Mb / 443P
DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
DRA752PPGABZQ1 TI1-DRA752PPGABZQ1 Datasheet
6Mb / 484P
Infotainment Applications Processor Silicon Revision 1.0
More results


Similar Description - DRA752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA744 TI1-DRA744 Datasheet
7Mb / 443P
DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
Infotainment Applications Processor Silicon Revision 1.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
Infotainment Applications Processor Silicon Revision 2.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
Infotainment Applications Processor Silicon Revision 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com