Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERIES2200 Datasheet (PDF) - TEKTRONIX, INC

SERIES2200 Datasheet PDF - TEKTRONIX, INC
Part # SERIES2200
Download  SERIES2200 Download
File Size   301.25 Kbytes
Page   4 Pages
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC
Description Single-Channel Programmable DC Power Supplies

SERIES2200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SERIES2200 Datasheet PDF - TEKTRONIX, INC

Part # SERIES2200
Download  SERIES2200 Click to download

File Size   301.25 Kbytes
Page   4 Pages
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC
Description Single-Channel Programmable DC Power Supplies

SERIES2200 Datasheet (HTML) - TEKTRONIX, INC


SERIES2200 Product details

• Five models ranging in power
from 86W to 150W with voltage
outputs from 20V to 72V
address a wide range of power
requirements
• 0.03% basic voltage output
accuracy and 0.05% basic
current accuracy provide
quality test data
• High output and measurement
resolution, 1mV and 0.1mA,
for testing low power circuits
and devices
• Remote sensing to ensure the
programmed voltage is applied
to the load
• Dual-line display shows both
the programmed values and
actual outputs for a continuous
indication of the status of the
power delivered to the load
• Repeatable test sequences
of up to 80 output steps are
easy to create with the built-in
List mode
• GPIB and USB interfaces
are standard for convenient
automated control




Similar Part No. - SERIES2200

ManufacturerPart #DatasheetDescription
logo
3M Electronics
Series 3M-Series Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Dwyer Instruments,
SERIES RM DWYER-SERIES RM Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
logo
Coherent Corp
SERIES-PAZ COHERENT-SERIES-PAZ Datasheet
377Kb / 2P
Polarizer - Analyzer - Attenuator
logo
Precid-Dip Durtal SA
SERIES110 PREDIP-SERIES110 Datasheet
23Kb / 4P
Quad-in-line sockets are suitable for with staggered double row Dual-in-line type pin patterns.
SERIES150 PREDIP-SERIES150 Datasheet
23Kb / 4P
High density DIL sockets for devices featuring (1.778 mm) lead spacing Shrinkdip pin header, solder tail
More results


Similar Description - SERIES2200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1785A ETC2-1785A Datasheet
109Kb / 1P
Programmable DC Power Supplies
logo
Keysight Technologies
E3632A KEYSIGHT-E3632A Datasheet
997Kb / 5P
Programmable DC Power Supplies
E3633A KEYSIGHT-E3633A Datasheet
997Kb / 5P
Programmable DC Power Supplies
E3642A KEYSIGHT-E3642A Datasheet
808Kb / 6P
Programmable DC Power Supplies
E3645A KEYSIGHT-E3645A Datasheet
808Kb / 6P
Programmable DC Power Supplies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
Programmable DC Power Supplies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
Programmable DC Power Supplies
logo
B&K Precision Corporati...
1696B BK-1696B Datasheet
878Kb / 3P
Programmable DC Power Supplies
1785B BK-1785B Datasheet
605Kb / 1P
Programmable DC Power Supplies
9120A BK-9120A Datasheet
800Kb / 3P
Programmable DC Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com