Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN80N60P3 Datasheet (PDF) - Inchange Semiconductor Company Limited

IXFN80N60P3 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IXFN80N60P3
Download  IXFN80N60P3 Download
File Size   689.42 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Power Module

IXFN80N60P3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXFN80N60P3 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IXFN80N60P3
Download  IXFN80N60P3 Click to download

File Size   689.42 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Power Module

IXFN80N60P3 Datasheet (HTML) - Inchange Semiconductor Company Limited


IXFN80N60P3 Product details

FEATURES
· Drain Current -ID= 66A@ TC=25℃
· Drain Source Voltage -VDSS= 600V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 77mΩ(Max)@VGS= 10V
APPLICATIONS
· DC-DC Converters
· Uninterruptible Power Supply (UPS)
· Battery Chargers




Similar Part No. - IXFN80N60P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN80N60P3 IXYS-IXFN80N60P3 Datasheet
136Kb / 5P
Polar3 HiPerFET Power MOSFET
More results


Similar Description - IXFN80N60P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
logo
M.S. Kennedy Corporatio...
MSK3013 MSK-MSK3013 Datasheet
223Kb / 5P
QUAD N-CHANNEL MOSFET POWER MODULE
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Toshiba Semiconductor
MG400V2YMS3 TOSHIBA-MG400V2YMS3 Datasheet
560Kb / 10P
High-Power Module Silicon Carbide N-Channel MOSFET
2022-02-02 Rev.3.0
MG600Q2YMS3 TOSHIBA-MG600Q2YMS3 Datasheet
574Kb / 10P
High-Power Module Silicon Carbide N-Channel MOSFET
2022-02-25 Rev.4.0
MG800FXF2YMS3 TOSHIBA-MG800FXF2YMS3 Datasheet
589Kb / 11P
High-Power Module Silicon Carbide N-Channel MOSFET
2022-01-14 Rev.3.0
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com