Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03494 Datasheet (PDF) - Premier Farnell Limited.

D03494 Datasheet PDF - Premier Farnell Limited.
Part # D03494
Download  D03494 Download
File Size   142.97 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Helping Hands With Light

D03494 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03494 Datasheet PDF - Premier Farnell Limited.

Part # D03494
Download  D03494 Click to download

File Size   142.97 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Helping Hands With Light

D03494 Datasheet (HTML) - Premier Farnell Limited.


D03494 Product details

Features
Base: 210mm × 134mm; Height of the metal rod: 220mm.
Position of 4 flexible goosenecks for alligator clips can be moved.
360 degrees rotated insulated 4 alligator clips for various sized components and boards, perfect for holding circuit boards,
wires, motors and more, Extremely heat resistant.
Use for any electronic, soldering, crafting, painting, replica, figurine and hobby work-or any precision project that requires
extreme accuracy, such as model airplane repair, easy to clamp the solder and operation. Best gifts for hobbyist and DIY
crafts.




Similar Part No. - D03494

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03490 DURATOOL-D03490 Datasheet
137Kb / 1P
ESD Soldering Mat
09/11/23 V1.0
D03491 DURATOOL-D03491 Datasheet
111Kb / 1P
Soldering Iron Stand
09/11/23 V1.0
D03492 DURATOOL-D03492 Datasheet
110Kb / 1P
Vacuum Pick Up Tool
24/11/23 V1.0
D03493 DURATOOL-D03493 Datasheet
115Kb / 1P
Solder Wire Dispenser
09/11/23 V1.0
More results


Similar Description - D03494

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
Hands free IC
1996 Jul 15
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
Audio DSP with Built-in Hands-Free Phone Features
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
Audio/Hands Free DSP with Stereo CODEC
logo
Vectron International, ...
CO-408 VECTRON-CO-408 Datasheet
65Kb / 3P
Helping Customers Innovate, Improve & Grow
CO-431 VECTRON-CO-431 Datasheet
67Kb / 2P
Helping Customers Innovate, Improve & Grow
CO-437 VECTRON-CO-437 Datasheet
61Kb / 3P
Helping Customers Innovate, Improve & Grow
CO-442 VECTRON-CO-442 Datasheet
65Kb / 2P
Helping Customers Innovate, Improve & Grow
CO-447 VECTRON-CO-447 Datasheet
60Kb / 2P
Helping Customers Innovate, Improve & Grow
VX-501-0275-491M52 VECTRON-VX-501-0275-491M52 Datasheet
515Kb / 5P
Helping Customers Innovate, Improve & Grow
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com