Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1614-MP2 Datasheet (PDF) - CBC Group. CBC AMERICA LLC.

M1614-MP2 Datasheet PDF - CBC Group. CBC AMERICA LLC.
Part # M1614-MP2
Download  M1614-MP2 Download
File Size   103.74 Kbytes
Page   1 Pages
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.
Description f=16mm F1.4 for 2/3 type Megapixel Cameras C-Mount

M1614-MP2 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1614-MP2 Datasheet PDF - CBC Group. CBC AMERICA LLC.

Part # M1614-MP2
Download  M1614-MP2 Click to download

File Size   103.74 Kbytes
Page   1 Pages
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.
Description f=16mm F1.4 for 2/3 type Megapixel Cameras C-Mount

M1614-MP2 Datasheet (HTML) - CBC Group. CBC AMERICA LLC.




Similar Part No. - M1614-MP2

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M1614-SW COMPUTAR-M1614-SW Datasheet
97Kb / 1P
f=16mm F1.4 for 2/3 type SWIR (800nm~1700nm) Cameras C-Mount
2015.02
M1614-VSW COMPUTAR-M1614-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M1614-VSW COMPUTAR-M1614-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results


Similar Description - M1614-MP2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
logo
Micron Technology
MT9T031 MICRON-MT9T031 Datasheet
446Kb / 2P
3-Megapixel CMOS Digital Image Sensor for Wide FOV and Electronic Pan/Tilt Cameras
logo
Sony Corporation
ICX282AK SONY-ICX282AK Datasheet
507Kb / 48P
Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
logo
OmniVision Technologies...
OV02640-VL9A OMNIVISION-OV02640-VL9A Datasheet
186Kb / 2P
smallest 2 megapixel CameraChip
logo
Dialight Corporation
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
LED Panel Mount Indicators for 16mm Mounting Hole
logo
OmniVision Technologies...
OV20880-4C OMNIVISION-OV20880-4C Datasheet
800Kb / 2P
20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Front-Facing Cameras
logo
Mallory Sonalert Produc...
SCFM16 MSPI-SCFM16 Datasheet
29Kb / 1P
Flush Mount - 16mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com