Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1628-MPW3 Datasheet (PDF) - CBC Group. CBC AMERICA LLC.

M1628-MPW3 Datasheet PDF - CBC Group. CBC AMERICA LLC.
Part # M1628-MPW3
Download  M1628-MPW3 Download
File Size   101.41 Kbytes
Page   1 Pages
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.
Description f = 16mm F 2.8 For 2/3 type 6 Megapixel Cameras C‐Mount

M1628-MPW3 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1628-MPW3 Datasheet PDF - CBC Group. CBC AMERICA LLC.

Part # M1628-MPW3
Download  M1628-MPW3 Click to download

File Size   101.41 Kbytes
Page   1 Pages
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.
Description f = 16mm F 2.8 For 2/3 type 6 Megapixel Cameras C‐Mount

M1628-MPW3 Datasheet (HTML) - CBC Group. CBC AMERICA LLC.




Similar Part No. - M1628-MPW3

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M1628-MPW3 COMPUTAR-M1628-MPW3 Datasheet
2Mb / 2P
2/3 inch MEGAPIXEL Machin Vision Lens
More results


Similar Description - M1628-MPW3

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
PANDUIT CORP.
F2X3IB6 PANDUIT-F2X3IB6 Datasheet
72Kb / 1P
WIRING DUCT - TYPE F WITH COVER 2 X 3
logo
PHOENIX CONTACT
2688129 PHOENIX-2688129 Datasheet
51Kb / 3P
Axioline F bus base module for housing type F
logo
HARTING Technology Grou...
09-10-003-3301 HARTING-09-10-003-3301 Datasheet
493Kb / 3P
Han 1A-3PE-c-f latch
09-10-003-3306 HARTING-09-10-003-3306 Datasheet
493Kb / 3P
Han 1A-3PE-c-f Inserts
09-15-003-3101 HARTING-09-15-003-3101 Datasheet
451Kb / 2P
Han 3 Quintax-F-c Inserts
09-10-003-3106 HARTING-09-10-003-3106 Datasheet
500Kb / 3P
Han 1A-3PE-c-f shielded
2021-10-01
09-00-000-6012 HARTING-09-00-000-6012 Datasheet
481Kb / 2P
Cable Sealing f. Split Hood OD 15~16mm
2021-10-01
09-38-012-3102 HARTING-09-38-012-3102 Datasheet
498Kb / 2P
Han K6/6-F-c
2021-10-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com