Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL-LS6002 Datasheet (PDF) - Sanyo Semicon Device

DL-LS6002 Datasheet PDF - Sanyo Semicon Device
Part # DL-LS6002
Download  DL-LS6002 Download
File Size   20.05 Kbytes
Page   1 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 980 nm LASER DIODE

DL-LS6002 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-LS6002 Datasheet PDF - Sanyo Semicon Device

Part # DL-LS6002
Download  DL-LS6002 Click to download

File Size   20.05 Kbytes
Page   1 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 980 nm LASER DIODE

DL-LS6002 Datasheet (HTML) - Sanyo Semicon Device


DL-LS6002 Product details

Features
• Wavelength : 980 nm (Typ.)
• Light output : 100 mW CW
• Low threshold current : Ith = 15 mA (Typ.)
• Small aspect ratio : 2.5 (Typ.)

Applications
• Erbium-doped fiber amplifiers
• Free space optical communications




Similar Part No. - DL-LS6002

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-LS1018 SANYO-DL-LS1018 Datasheet
21Kb / 2P
RED LASER DIODE
DL-LS1030 SANYO-DL-LS1030 Datasheet
25Kb / 1P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
RED LASER DIODE
DL-LS1035 SANYO-DL-LS1035 Datasheet
32Kb / 2P
RED LASER DIODE
More results


Similar Description - DL-LS6002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCE-6E8F-Z01 ETC-MCE-6E8F-Z01 Datasheet
75Kb / 2P
650 NM LASER DIODE
logo
OSRAM GmbH
SPLBG98-20S OSRAM-SPLBG98-20S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 980 nm
SPLBG98-2S OSRAM-SPLBG98-2S Datasheet
187Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 980 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 980 nm
logo
Unity Opto Technology
MCE-6E8F-Z02 UOT-MCE-6E8F-Z02 Datasheet
80Kb / 2P
650 nm LASER DIODE
MCE-6E8F-Z01 UOT-MCE-6E8F-Z01 Datasheet
76Kb / 2P
650 nm LASER DIODE
MCE-3E5B-012 UOT-MCE-3E5B-012 Datasheet
74Kb / 2P
1310 nm LASER DIODE
MCE-3E5B-002 UOT-MCE-3E5B-002 Datasheet
72Kb / 2P
1310 nm LASER DIODE
MCE-3E5B-001 UOT-MCE-3E5B-001 Datasheet
72Kb / 2P
1310 nm LASER DIODE
logo
Bookham, Inc.
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
980 nm Pump Laser Module Unstabilised 100-220 mW
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com